Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7003P3 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7003P3
Description  MicroPower, Ultra-sensitive Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7003P3 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7003P3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7003P3 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA7003
Major Power Technology Co., Ltd.
Rev.1.5
19th, Aug., 2021
❖
BLOCK DIAGRAM
Logic
VDD
+
-
OUT
GND
N-MOS
Offset
Cancellation
Hall
Plate
Awake /Sleep
Timing Control
❖
ORDER / MARKING INFORMATION
Order Information ((T)SOT23-3L)
Top Marking ((T)SOT23-3L)
Package Type
MA7003
Packing
A : Taping
X X
A: SOT23-3L
AT: TSOT23-3L
Blank: Bag
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 8 = 2018
ID Code: Internal
J Y W X
Order Information (SIP-3L)
Top Marking (SIP-3L)
Package Type
MA7003
Packing
X X
P3: SIP-3L
Blank: Bag
YYWWX
7003
Part number
ID code:internal
WW:01~52
Year:19 = 2019
❖
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VDD Pin Voltage
VDD
- 0.3 to 7
V
Output Pin Voltage
VOUT
- 0.3 to 7
V
Output Current
IOUT
10
mA
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from Junction to Case
θJC
140
°C/W
Thermal Resistance from Junction to Ambient
θJA
250
°C/W
Power Dissipation [ PD=( TJ-TA ) / θJA ]
PD
400
mW
Note : θJA is measured with the PCB copper area of approximately 0.5 in2(Multi-layer).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com