Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C45PI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X24C45PI
Description  256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X24C45PI Datasheet(HTML) 2 Page - Renesas Technology Corp

  X24C45PI Datasheet HTML 1Page - Renesas Technology Corp X24C45PI Datasheet HTML 2Page - Renesas Technology Corp X24C45PI Datasheet HTML 3Page - Renesas Technology Corp X24C45PI Datasheet HTML 4Page - Renesas Technology Corp X24C45PI Datasheet HTML 5Page - Renesas Technology Corp X24C45PI Datasheet HTML 6Page - Renesas Technology Corp X24C45PI Datasheet HTML 7Page - Renesas Technology Corp X24C45PI Datasheet HTML 8Page - Renesas Technology Corp X24C45PI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
X24C45
FN8104 Rev 0.00
Page 2 of 12
June 1, 2005
PIN DESCRIPTIONS
Chip Enable (CE)
The Chip Enable input must be HIGH to enable all
read/write operations. CE must remain HIGH following a
Read or Write command until the data transfer is com-
plete. CE LOW places the X24C45 in the low power
standby mode and resets the instruction register. There-
fore, CE must be brought LOW after the completion of an
operation in order to reset the instruction register in
preparation for the next command.
Serial Clock (SK)
The Serial Clock input is used to clock all data into and
out of the device.
Data In (DI)
Data In is the serial data input.
Data Out (DO)
Data Out is the serial data output. It is in the high imped-
ance state except during data output cycles in response
to a READ instruction.
AUTOSTORE Output (AS)
AS is an open drain output which, when asserted indi-
cates VCC has fallen below the AUTOSTORE threshold
(VASTH). AS may be wire-ORed with multiple open drain
outputs and used as an interrupt input to a microcontrol-
ler or as an input to a low power reset circuit.
RECALL
RECALL LOW will initiate an internal transfer of data
from EEPROM to the RAM array.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
CE
Chip Enable
SK
Serial Clock
DI
Serial Data In
DO
Serial Data Out
RECALL
Recall Input
AS
AUTOSTORE Oput
VCC
+5V
VSS
Ground
CE
SK
DI
DO
1
2
3
4
8
7
6
5
VCC
AS
RECALL
VSS
X24C45
DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com