Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3SC Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # R3SC
Description  Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

R3SC Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  R3SC Datasheet HTML 1Page - Lanner All Rights Reserved. R3SC Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R3S Series
Fanless Rolling Stock Computer with
Intel® Atom™ x7-E3950 Processor
Preliminary Specifications
• Intel® Atom™ x7-E3950 Processor
• Certified with EN50155, EN50121, EN50125-3 and EN45545
• Vehicle/Rail NVR with 6x M12 PoE/PoE+ ports (max. 90W power)
• 2x M.2 Slots with up to 4x SIM card readers
• Wide range operating temperature from -40 to 70°C
• 2x HDMI, DI/DO, 3x COM/CAN BUS and 4x USB
• 1x external removable HDD/SSD drive bay
• Support +9~50Vdc or +43~154Vdc power input
Processor System
CPU
Atom™ x7-E3950
Frequency
1.6 GHz
Core Number
Quad-core
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Processor Graphics
Intel integrated HD Graphics 505
Fanless
Yes
Memory
Technology
LPDDR4 up to 2400 MHz
Max. Capacity
Up to 8GB (Factory default: 8GB)
Ethernet
Controller
Intel i210IT x6
Speed
10/100/1000 Mbps
Interface
M12 X-coded (PoE/PoE+) x6
PoE
IEEE 802.3af / IEEE 802.3at PoE+; under maximum
90W power budget
Storage
Type
SATA
Installation
Removable 2.5” drive bay x1 (HDD/SSD is not
included)
Type
mSATA
Installation
mSATA socket x1 (default 128 GB)
I/O
Display
HDMI x2
LAN
GbE RJ45 x1
PoE
IEEE 802.3af standard PoE ports x6 (any 3 ports
support IEEE 802.3at PoE+)
Audio
DB9
Serial I/O
COM1: RS-232/422/485
COM2: RS-232/422/485
COM3: RS-232/CAN
GPS
u-blox NEO-M8N; 3 GNSS (GPS, Galileo, GLONASS,
BeiDou), default @ GPS + GLONASS dual band
G-sensor
ADXL 345
CAN
Optional CAN Bus J1939 / J1708 x1
Digital I/O
12x DI 12V TTL selectable, 4x DO 12V Level TTL, 2x
12V with 1A dry relay.
USB
USB 2.0 Type A x4
Antenna
SMA antenna hole x5 (includes GPS+GLONASS x1)
Expansion
M.2
2x M.2 3042 B Key
Cooling
Processor
passive CPU heatsink
System
fanless design with corrugated aluminum
Environment
Operating Temperature
-40~70°C / -40~158°F
Storage Temperature
-40~85°C / -40~185°F
Relative Humidity
5%~95% @ 40°C / 104°F (Storage Level)
Miscellaneous
Hardware Monitoring
Yes
Internal RTC with Li Battery
Yes
Mechanical
Dimension (W x H x D)
272.4 x 114.3 x 228 mm (10.72” x 4.5” x 8.97”)
Weight
7 kg
Mounting
Wall mount kit
Power
Connector
M12 K-coded (Ground, DC_IN, Ground, IGN, Chassis
Ground)
Input
SKU B: Input Rated: +9~50Vdc
SKU C: Input Rated: +43~154Vdc
Output
12V/1A DC out
Driver Support
Microsoft Windows
Win 10 IoT
Linux
Linux: Redhat Enterprise 5, Fedora 14. Linux Kernel
2.6.18 or later
Certification
EMC
E13, CE Class A, FCC Class A, RoHS
Certified
MIL-STD-810G, EN50155, EN50121-3-2, EN50121-4,
EN50125-3, EN 45545
Features


Similar Part No. - R3SC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3S-DA16S MSYSTEM-R3S-DA16S Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16S/Q MSYSTEM-R3S-DA16S/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W MSYSTEM-R3S-DA16W Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W/Q MSYSTEM-R3S-DA16W/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DAC16S MSYSTEM-R3S-DAC16S Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results

Similar Description - R3SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVR-5700 ETC2-LVR-5700 Datasheet
697Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-3517UE Processor
LVR-8300 ETC2-LVR-8300 Datasheet
583Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i5-4422E or Celeron 2002E Processor
logo
Lanner All Rights Reser...
R6S LANNER-R6S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-7600U Processor
V3S LANNER-V3S Datasheet
363Kb / 2P
Fanless In-vehicle Surveillance Computer with Intel짰 Atom??x7-E3950 Processor
logo
Advantech Co., Ltd.
ARK-2231R ADVANTECH-ARK-2231R Datasheet
1Mb / 3P
EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
3-Aug-2022
ITA-8100 ADVANTECH-ITA-8100 Datasheet
430Kb / 2P
EN 50155 10.4" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
ITA-8120 ADVANTECH-ITA-8120 Datasheet
427Kb / 2P
EN 50155 12.1" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com