Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1221 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS1221
Description  OC-3/12 SONET/SDH 8-bit Quad Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS1221 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS1221 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS1221 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
S122
1
Description
The S1221 SONET/SDH transceiver is one of the
latest additions to the AMCC product family.
The S1221 device provides fully integrated
serialization/de-serialization capabilities with
four independent transceivers. The device
performs all necessary parallel-to-serial and
serial-to-parallel functions in conformance with
the SONET/SDH transmission standards.
Clock and Data Recovery are provided for the
standard operating rates of 155.52 Mbps (OC-3)
and 622.08 Mbps (OC-12).
The S1221 can also be provisioned to a mix and
match OC-3 and OC-12 data streams within the
same device.
The S1221 can be configured in MII (Media
Independent Interface) mode (MII Mode) or in a
Non-MII mode.
The figure below, System Block Diagram, shows
a typical network application.
Overview
The S1221 can be used to implement the front
end of SONET/SDH equipment which consists
primarily of the serial transmit interface and the
serial receive interface. The Low Voltage LVDS or
LVPECL interfaces guarantee compliance with
the bit-error rate requirements of the Telcordia
and ITU-T standards.
The S1221 is divided into four Transceiver
modules with each possessing a clock recovery
unit. Each of the modules can run at OC-3 or
OC-12 data rates, independent of the other
modules.
The S1221 performs SONET/SDH frame
detection.
The S1221 is divided into four transmitter
channels and four receiver channels.
The sequence of operations is as follows for
each Channel:
Transmitter Operations
• 8-bit parallel data input
• Parallel-to-serial conversion
• Serial data output
Receiver Operations For One Channel
• Serial data input
•Clock and Data recovery
• Serial-to-parallel data conversion
• 8-bit parallel data and clock output
Internal clocking and control functions are
transparent to the user.
AMCC Suggested Interface Devices
Congo (S1201)
POS/ATM SONET Mapper
Nile (S1202)
ATM SONET Mapper
Orinoco (S1204) STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Map-
per
Agilent
HFBR-5908E, SFF Module
Finisar
FTRJ1322P1xTR, SFP Module
V23818-H18 SFF Module
Sumitomo
SCP6802-GL, SFP Module SCM6005, SFF Module
OCP
TRPN03 & TRPN12, SFP Mod.
JDS Uniphase
CT2-P, SFP Module
Features
• CMOS 0.13 micron technology
• Complies with Bellcore and ITU-T specifica-
tions for jitter tolerance, jitter transfer, and jit-
ter generation
• On-chip high-frequency PLLs for clock gener-
ation and clock recovery
• Supports Data Rates for 155.52 Mbps (OC-3)
and 622.08 Mbps (OC-12)
• 8-bit LVCMOS Parallel data path
• LVDS or LVPECL differential serial interface
• Internal termination of the optic’s LVPECL
driver renders a seamless power saving con-
nection
• Typical 715 mW power in LVDS I/O mode
• Directly compatible with 2.5 V or 3.3 V LVDS,
3.3 V LVPECL (DC and AC)
• Frame and Byte Boundary Detection option
• 255 PBGA Package,17x17 mm2 with Green/
RoHS compliant lead free option
• 1.2 V and 3.3 V/2.5 V supply
• Receiver lock detect outputs
• Signal detect inputs
• Selectable reference frequencies of 19.44,
77.76 or 155.52 MHz
• Internal FIFO to decouple transmit clocks
• Various diagnostic loopback modes
• Quad configuration, mixed OC-3/OC-12
• Built-In Self Test (BIST) Feature
• Independent power down of unused channels
• Drop-in-replacement for S1213
Applications
• SONET/SDH OC-3/OC-12
• SONET/SDH modules
• SONET/SDH test equipment
• ATM over SONET/SDH
•Section repeaters
• Add Drop Multiplexers (ADM)
• Broad-band cross-connects
• Fiber optic terminators
• Fiber optic test equipment
S1221
OC-3/12 SONET/SDH 8-bit Quad Transceiver
System Block Diagram with the S1221
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
S1221
MII port
S1221
MII port
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Framer
Or
ASIC
Framer
Or
ASIC
Framer
Or
ASIC
Framer
Or
ASIC
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK
Framer
Or
ASIC
Framer
Or
ASIC
Framer
Or
ASIC
Framer
Or
ASIC
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK
DATA
CLOCK
8
DATA
8
CLOCK


Similar Part No. - CS1221

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results

Similar Description - CS1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com