Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3394 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3394
Description  SONET/SDH/FEC OC-192 Receiver with EDC Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3394 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3394 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3394 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
–
At a Glan ce
–
Product Brief
S3394
SONET/SDH/FEC OC-192 Receiver with EDC Technology
Empowering Intelligent Optical Networks
1
PB1642_v1.01_11/05/03
Description
The S3394 SONET/SDH/FEC Receiver
device is one of the latest additions to
the AMCC DispersionXXTM product
family. This device provides full
deserialization capabilities for OC-192
applications and is suitable for
Metropolitan, Long-Haul, Ultra Long-
Haul, and Dense Wavelength Division
Multiplexing (DWDM) networks. The
device performs all necessary serial-to-
parallel functions in conformance with
the SONET/SDH transmission
standards. The standard operating range
is from 9.9 to 11.3 Gbps. AMCCs
proprietary DispersionXXTM technology
allows system designers to optimize
coding gain without additional overhead
expansion beyond the standard FEC
data rate of 10.7 Gbps.
Figure 1, System Block Diagram, shows
a typical system configuration for the
S3394 device.
Overview
The S3394 device can be used to
implement the front end of SONET/SDH/
FEC equipment which consists primarily
of the serial receive interface. The
system timing circuitry consists of a high-
speed phase detector, clock dividers,
and clock distribution. The devices utilize
on-chip clock synthesis PLL components
that allow the use of a slower external
clock references, 155.52 or 622.08 (plus
FEC rate) MHz, in support of existing
system clocking schemes. The low-jitter,
16-bit, Low Voltage Differential Signaling
(LVDS) interfaces guarantee compliance
with the bit-error rate requirements of the
Telcordia and ITU-T standards.
S3
39
4
AMCC Suggested Interface Devices
Verrazano
(S2509)
Quad SONET/SDH/Digital Wrapper
Backplane Serdes
Ganges II
(S19202)
STS-192 SONET/SDH Framer
Hudson II
(S19203)
Digital Wrapper - FEC (7% Over-
head)
Mekong
(S19204)
STS-192 SONET/SDH MUX/
DeMUX with PP
Khatanga
(S19205)
10 GbE MAC and PHY/STS-192c
POS Framer & Mapper
Niagara
(S19208)
Digital Wrapper/Enhanced FEC
(7% Overhead)
General Features
• Operational data rates at 9.9 to
11.3 Gbps
• Selectable Electrical RZ or NRZ
Modulation
• Dispersion (ISI) compensation
• Robust CRU – can extract clock
in low OSNR environments
• 16-bit OIF Compliant LVDS Data
Path with Programmable Bit
Swap
• Integrated low pass filter (coarse/
fine adjust).
• Peak detector for input power
monitoring (SSI - Signal Strength
Indicator)
• Threshold and phase adjust
capability
• Sensitivity 6.0 mV (p-p, SE)
• External phase adjust ± 0.30 UI
• Linearity gain control – variable
gain adjust
• Selectable reference frequency of
155.52 or 622.08 MHz (or various
protocol (+FEC))
• Complies with Telcordia/ITU-T/
OIF specifications
• 3.3 V and 1.8 V power supplies
• Compact 15 mm x 15 mm 196 Pin
CBGA Package
Continued on next page...
Figure 1. System Block Diagram
ORX
OTX
ORX
OTX
16
16
16
16
AMCC
NIAG ARA/
HUDSO N
or
ASIC
MO D
Driv er
AMCC
Mux
AMCC
TIA
MO D
Driv er
AMCC
Mux
AMCC
TIA
AMCC
NIAG ARA/
HUDSO N
or
ASIC
AM CC
S3394
RX
AM CC
S3394
RX


Similar Part No. - CS3394

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CS3390 CRYSTEKCRYSTAL-CS3390 Datasheet
54Kb / 1P
CLOCK OSCILLATOR WOTH STANDBY MODE
CS3391 CRYSTEKCRYSTAL-CS3391 Datasheet
54Kb / 1P
CLOCK OSCILLATOR WOTH STANDBY MODE
CS3392 CRYSTEKCRYSTAL-CS3392 Datasheet
54Kb / 1P
CLOCK OSCILLATOR WOTH STANDBY MODE
CS3398 CRYSTEKCRYSTAL-CS3398 Datasheet
54Kb / 1P
CLOCK OSCILLATOR WOTH STANDBY MODE
More results

Similar Description - CS3394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Applied Micro Circuits ...
S19250 AMCC-S19250 Datasheet
85Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
S19252 AMCC-S19252 Datasheet
148Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
logo
Zarlink Semiconductor I...
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
SONET/SDH OC-48/OC-192 System Synchronizer
logo
Applied Micro Circuits ...
S19235 AMCC-S19235 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com