Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3485 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3485
Description  SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 4-bit Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3485 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3485 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3485 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
S3485
Description
The S3485 SONET/SDH transceiver chip is a fully
integrated serialization/deserialization SONET
multi-rate interface device. The S3485 receives a
scrambled Non-Return-to-Zero (NRZ) signal and
recovers the clock from the data. The chip
performs all necessary serial-to-parallel and
parallel-to-serial functions in conformance with
the SONET/ SDH/ Gigabit Ethernet/ Fibre
Channel/ HDTV/ ESCON/ DTV/ D1 transmission
standards. The device is suitable for SONET-
based WDM applications. The diagram in Figure
1 shows a typical network application.
On-chip clock synthesis is performed by the
high-frequency Phase-Lock Loop (PLL) on the
S3485 transceiver chip, allowing the use of a
slower external transmit clock reference. The
chip can be used with a divide by 16 reference
clock in support of existing system clocking
schemes.
The low-jitter parallel LVDS interface is
compliant with the bit-error rate requirements
of the Telecordia and ITU-T standards. The
S3485 is packaged in a 121 PBGA offering
designers a small package outline.
Overview
The S3485 transceiver implements SONET/
SDH/ Gigabit Ethernet/ Fibre Channel/ HDTV/
ESCON/ DTV/ D1 serialization/deserialization
and transmission functions. This chip can be
used to implement the front end of SONET/
SDH/ Gigabit Ethernet/ Fibre Channel/ HDTV/
ESCON/ DTV/ D1 equipment, which consists
primarily of the serial transmit interface and the
serial receive interface. The chip handles all the
functions of these two elements, including
parallel-to-serial and serial-to-parallel
conversion, clock generation, and system
timing. The system timing circuitry consists of
data stream management and clock
distribution throughout the front end. Of the
listed bit rates, only the associated SONET/SDH,
Fibre Channel and Gigabit Ethernet protocols
have been validated to their respective
standards. AMCC has characterized the
remaining bit rates with a PRBS 231 pattern but
has not validated their associated protocols
against any known standard. It is the
responsibility of the end user to evaluate and
verify protocol/standards compliance for all
other bits rates that are intend for use.
Features
• Operational from 2.00 Gbps to 3.00 Gbps
•Supports:
• OC-48 with or w/o FEC
• OC-24 with or w/o FEC
• OC-12 with or w/o FEC
• OC-3 with or w/o FEC
• HDTV (1.485 Gbps)
• D1 (1.38 Gbps)
• Fibre Channel (1062 Mbps)
• 2 x Fibre Channel (2.124 Gbps)
• Gigabit Ethernet (1.25 Gbps)
• DTV (143.18 Mbps)
• ESCON (200 Mbps)
• Low Power (300 mW Typical)
• Built-In Self Test (BIST) Feature
• 121 pin PBGA package with Green/RoHS com-
pliant lead free option
• On-chip High-Frequency PLL for Clock Genera-
tion and Clock Recovery
• 4-bit LVDS Parallel Data Path
• TX and RX Lock Detect Indication
•Serial Loop Timing Mode
• Line and Diagnostic Loopback Mode for Faulty
Node Identification
• Operational Temperature Range Up to 85°C
• Dual 1.2 V and 1.8 V supply
• Complies with OIF SFI-4/Telecordia/ITU-T
Specifications
Transmitter Features
• Reference frequency of 155.52 MHz (or equiv-
alent rate)
• 155.52 MHz (or equivalent rate) clock output
• Internal, self-initializing FIFO to decouple
transmit clocks
Receiver Features
• Recovers clock from 2.00 to 3.00 Gbps
• Low-jitter CML differential or single-ended
serial interface
• Reference frequency of 155.52 MHz (or equiv-
alent rate)
Applications
• SONET/SDH-based transmission systems
• SONET/SDH modules
• Wavelength Division Multiplexing (WDM)
•Section repeaters
• Add Drop Multiplexers (ADM)
• Broad-band cross-connects
• Fiber Optic Terminators
• Fiber Optic Test Equipment
S3485
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 4-bit Transceiver
System Block Diagram with the S3485
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
4
4
S19208
(NIAG RA)
S19208
(NIAG RA)
AM CC
S3485
4
4
AM CC
S3485
4
4
AM CC
S3485
4
4
4
4
4
4
4
4
4
4
AM CC
S3485
AM CC
S3485
AM CC
S3485
AM CC
S3485
AM CC
S3485


Similar Part No. - CS3485

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
CS341202 POWEREX-CS341202 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
logo
List of Unclassifed Man...
CS343026 ETC-CS343026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS343060 ETC-CS343060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS343075 ETC-CS343075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS3485

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
List of Unclassifed Man...
S3067 ETC1-S3067 Datasheet
308Kb / 27P
MULTIRATE (OC-48/24/12/3/GBE/FC) SONET/SDH/ATM TRANSCEIVER w/ FEC
logo
Applied Micro Circuits ...
CS3165 AMCC-CS3165 Datasheet
38Kb / 2P
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
S19250 AMCC-S19250 Datasheet
85Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
S19252 AMCC-S19252 Datasheet
148Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
S19235 AMCC-S19235 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
logo
Texas Instruments
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com