Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS19201 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS19201
Description  STS-192 SONET/SDH Interleaver/Disinterleaver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19201 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19201 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19201 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production Release/FINAL Information - The information contained in this doc-
ument is about a product in its fully tested and characterized stage. All features
described herein are supported. Contact AMCC for updates to this document and
the latest product status.
Product Brief
INDUS
STS-192 SONET/SDH Interleaver/Disinterleaver
Part Number S19201CAI12, Revision 2.9, March 2003
Features
• Supports the multiplexing and demultiplexing of STS-48/STM-
16 SONET/SDH signals into an STS-192/STM-64 SONET/SDH
signal.
• SONET/SDH low speed side interfaces compatible with
AMCC’s STS-48/STM-16 devices.
• Supports the transfer of up to four STS-48/STM-16 data
streams, carrying any valid combination of STS-48c/AU-4-16c,
STS-12c/AU-4-4c, or STS-3c/AU-4 SONET/SDH payloads, to
other AMCC SONET/SDH POS/ATM terminating products.
• Provisionable for performance monitoring & regeneration.
• Terminates & generates SONET/SDH transport/section over-
head layers, with TOH/SOH interfaces in both mux and demux
directions, on the high-speed side.
• Provides a 622.08 MHz 16-bit bus interface on the High Speed
line side interface in both the MX and DX directions.
• Provides four 155.52 MHz 16-bit bus interfaces on the low
speed line side in both the MX and DX directions.
• Selectable scrambling/descrambling (X7+X6+1) of SONET/
SDH frame.
• 16-bit synchronous microprocessor interface for configuration,
control, and status monitoring.
• Supports Automatic Protection Switching (APS).
• 192x192 Cross-connect with STS-1 Level granularity.
The S19201 is a highly-integrated VLSI device that provides for
the multiplexing and demultiplexing of STS-48/STM-16 SONET/
SDH signals into an STS-192/STM-64 SONET/SDH signal. When
used in conjunction with AMCC’s RHINE chip, the INDUS pro-
vides a channelized OC-192 solution down to STS-48/STS-12/
STS-3 signal payloads. When used in conjunction with AMCC’s
MISSOURI and DANUBE chips, the INDUS provides a channel-
ized OC-192 to STS-48/STS-12/ STS-3/STS-1 framer/pointer pro-
cessor solution.
The S19201 provides full section and line overhead processing. It
also provides SONET/SDH framing, scrambling/ descrambling,
alarm signal insertion/detection, and bit interleaved parity (B1/B2)
processing.
The S19201 is SONET/SDH standards compliant with Bellcore
GR-253, ITU G.707, and ANSI T1.105 -1995.
A general purpose 16-bit microprocessor interface is provided for
control, and monitoring. The interface supports both Intel and
Motorola type microprocessors, and is capable of operating in
either an interrupt driven or polled-mode configurations.
Applications
ATM switches and Packet over SONET Routers
SONET/SDH Add Drop Multiplexers, Terminal
Multiplexers and Digital Cross Connects
•WDM and DWDM
Test equipment
Figure 1: Block Diagram
TOH EXTRACT
TOH INSERT
DX_DATA_IN_[15:0]
DX_CLK_IN
DX_DATA_OUT_[1:4]_[15:0]
LBK
SEL
TOH
MONITOR
MX_DATA_IN_[1:4]_[15:0]
MX_DATA_OUT_[15:0]
LOC
DET
MICROPROCESSOR I/F
Interleaver
MX_CLK_OUT
FRGEN192
FRAMER192
MX_CLK_IN_[1:4]
DX_CLK_OUT[1:4]
DX_SYNC_OUT[1:4]
BUFF
FRM48
x4
x4
FRGEN
x4
X
MONITOR
TOH
X
Disinterleaver
TOH EXTRACT
TOH INSERT


Similar Part No. - CS19201

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
More results

Similar Description - CS19201

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
SONET/SDH STS-192 Overhead and Path Processor
May 2003
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19223CBI11 AMCC-CS19223CBI11 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
S19250 AMCC-S19250 Datasheet
85Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
S19252 AMCC-S19252 Datasheet
148Kb / 2P
STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
SONET/SDH OC-48/OC-192 System Synchronizer
logo
Exar Corporation
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com