Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS19233 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS19233
Description  10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19233 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19233 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19233 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
S1
92
33
Description
The S19233 is a fully integrated low power dual
CDR device with Electronic Dispersion
Compensation (EDC). It is suitable for use in 10
GbE/10G FC/SONET/SDH PMD modules, such as
the XFP MSA modules. This device can be used
to compensate channel impairments caused by
either single mode fiber up to 120 km or FR-4
copper medium over 24”. Integrated in this
device on the receive optical side, an AGC
amplifier with offset cancellation circuitry, EDC/
Equalization with control circuitry, and CDR. On
the transmit electrical side the S19233 also has
an equalization circuit, and CDR that reshapes
the data after up to 24" of transmission over
copper on FR-4 PWB material. The low-jitter
CML interfaces guarantees compliance with the
bit error rate requirements of the Telcordia and
ITU-T standards. The S19233 is packaged in a 6 x
6 mm2 PBGA, offering designers a small
package outline.
Value Proposition - Design multiple XFP
modules ranging from 2 km to 120 km link with
one footprint. The S19233 is pin compatible to
the lower cost 10G Dual CDR S19256 (no EDC).
S19256: 2 km-30 km;
S19233: 2 km-120 km
Overview
The S19233 can be used to implement the front
end of SONET/SDH/FEC/10GbE/FC/G.709
equipment which consists primarily of the serial
transmit interface and the serial receive
interface. The system timing circuitry consists of
a high-speed phase detector, clock and data
recovery unit and equalization circuitry. The
device utilizes on-chip clock recovery PLL
components that allow the use of a slower
external clock reference, 155.52 MHz (or
equivalent FEC/10GbE/10 Gbps FC rate), in
support of existing system clocking schemes.
The EDC function is embedded in the optical
receive side. It provides control to compensate
chromatic dispersion in different fiber links. On
the transmitter side, an equalizer is integrated in
the receive front end to reshape the data after
transmission over FR-4. This enables low bit
error rate and transmission over longer trace
length.
The low-jitter, 1-bit, CML interfaces guarantee
compliance with the bit-error rate requirements
of the Telcordia and ITU-T standards. The
10 Gbps serial electrical interface specifications
are compliant with the XFI as specified in the
XFP MSA module specification. The high speed
serial input and output can be connected to the
AMCC SerDes (S19235 or S19237) across 60 cm
(24”) of improved FR-4 material or across 40 cm
of standard FR-4 with one connector.
Features
• Complies with ITU-T specifications, 50 mUIpp
max. jitter generation (50 KHz - 80 MHz)
• Complies with XFP MSA Specifications
• 25 mUIpp Jitter Generation
• CML serial input sensitivity at 5 mVpp Diff.
• Dual CDR - 9.95 to 11.32 Gbps operation
• Superior Crosstalk Isolation
• Electronic Dispersion Compensation (EDC)
Optimized for 0 to 100 Km SMF with 2 dB dis-
persion penalty
• Low power EDC ideal for Power Level 2 XFP
modules
• Suitable for low Optical Signal to Noise Ratio
(OSNR) environments
• Automatic Threshold Adjust
• External threshold & Phase Adjust
• AGC embedded equalizer
• LOS Function - Compliant to GR-253
• Integrated equalizer that support over 24” FR-
4 on Transmitter Electrical Side
• Transmitter (Optical Side) - CDR
• Lock detect indication
• 650 mW Typical Power
• -40 to 85°C operation
• CMOS 0.13 Micron Technology
• 1.8 and 3.3 Volt Power Supply
•6 x 6 mm2 PBGA package with RoHS compli-
ant lead free option
• ESD - 1500 V, 500 V High Speed Inputs
Applications
• 10 G Fibre Channel and Ethernet Designs
• 10 GbE with FEC
• 10 G SONET/SDH/FEC Designs
• SONET/SDH Test Equipment
• SONET/SDH/FEC DWDM Equipment
• XFP MSA Modules
S19233
10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR
System Block Diagram with the S19233
OC-192/10GE/10FC
AMCC
S19235/37
XFP Module
10 Gbps Line Card
XFI
TOSA
ROSA
AMCC
S19233
Dual CDR


Similar Part No. - CS19233

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
STS-192 SONET/SDH Interleaver/Disinterleaver
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
More results

Similar Description - CS19233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
S19256 AMCC-S19256 Datasheet
95Kb / 2P
10 G Ethernet / Fibre Channel / SONET / SDH Dual CDR (2km - 30km)
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 111908
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
Optical communication equipment (SONET, SDH, Ethernet)
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com