Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S19205 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # S19205
Description  STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S19205 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  S19205 Datasheet HTML 1Page - Applied Micro Circuits Corporation S19205 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S19252
SPECIFIC AT IONS
6290 Sequence Dr.
San Diego, CA 92121
P 858 450 9333
F 858 450 9885
www.amcc.com
For technical support, please call 1-800-840-6055 or 858-535-6517, or email support@amcc.com.
AMCC reserves the right to make changes to its products, its datasheets, or related documentation, without notice and warrants its products solely pursuant to its terms and
conditions of sale, only to substantially comply with the latest available datasheet. Please consult AMCC’s Term and Conditions of Sale for its warranties and other terms, conditions
and limitations. AMCC may discontinue any semiconductor product or service without notice, and advises its customers to obtain the latest version of relevant information to verify,
before placing orders, that the information is current. AMCC does not assume any liability arising out of the application or use of any product or circuit described herein, neither does
it convey any license under its patent rights nor the rights of others. AMCC reserves the right to ship devices of higher grade in place of those of lower grade.
AMCC SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR
OTHER CRITICAL APPLICATIONS.
AMCC is a registered trademark of Applied Micro Circuits Corporation. PowerPC and the PowerPC logo are registered trademarks of IBM Corporation. All other trademarks are the
property of their respective holders. Copyright © 2006 Applied Micro Circuits Corporation. All Rights Reserved.
S19252_PB2028_v1.01_20061031
Figure 1. Mid-Plane Application Block Diagram
Figure 2. XFP Application Block Diagram
Figure 3. 300 MSA Application Block Diagram
AMCC
S19252
16
ASIC
16
M
I
D
P
L
A
N
E
16
AMCC
S19252
16
ASIC
MDIO/I2C
/SPI
MDIO/I2C
/SPI
Enable Adaptive ISI Mitigation
Enable Adaptive Post-Amplifier Offset Control
Compensates up to 24" of FR-4
AMCC
S19252
16
ASIC
OR
FRAMER
OR
FEC
16
MDIO/I2C
/SPI
Compensates up to 24" of FR-4
(Improves BER Performance and extends the reach of the standard XFP Module)
XFP MODULE
Enable Adaptive ISI Mitigation
Enable Adaptive Post-Amplifier Offset Control
Disable EDC / 10G Clock
16
ASIC
OR
FRAMER
OR
FEC
16
300 MSA MODULE
AMCC
S19252
C
O
N
N
E
C
T
O
R
Laser
Driver
TIA
PD
Laser
No Post Amplifier Required
FEC Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com