Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S19235 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # S19235
Description  10 G Ethernet / Fibre Channel / SONET / SDH Dual CDR (2km - 30km)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S19235 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  S19235 Datasheet HTML 1Page - Applied Micro Circuits Corporation S19235 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
S1
92
56
Description
The S19256 is a fully integrated low power dual
CDR device suitable for short reach module
applications. It is used in 10GbE / 10GFC / OC-
192 SONET/SDH PMD modules, such as the XFP
MSA modules. Integrated in this device on the
receive optical side, an AGC amplifier with offset
cancellation circuitry, and CDR. On the transmit
electrical side the S19256 also has an
equalization circuit, and CDR that reshapes the
data after up to 24" of transmission over copper
on FR-4 PWB material, with low jitter generation
of 25 mUI. For SFP+ applications, this device
allows both CDR’s to be powered-down and
bypassed while using only the equalization
circuitry needed to mitigate Data Dependent
Jitter caused by the interconnect. The low-jitter
CML interface guarantees compliance with the
bit error rate requirements of the Telcordia and
ITU-T standards. The S19256 is packaged in a
6x6 mm2 PBGA, offering designers a small
package outline.
Value Proposition - Design multiple XFP
modules ranging from 2 km to 120 km link with
one footprint. The S19256 (no EDC) is pin
compatible to the EDC based 10G Dual CDR
S19233.
S19256: 2 km-30 km;
S19233: 2 km-120 km
Overview
The S19256 can be used to implement the front
end of SONET/SDH/FEC/10GbE/FC/G.709
equipment which consists primarily of the serial
transmit interface and the serial receive
interface. The system timing circuitry consists of
a high-speed phase detector, clock and data
recovery unit and equalization circuitry. The
device utilizes on-chip clock recovery PLL
components that allow the use of a slower
external clock reference, 155.52 MHz (or
equivalent FEC/10GbE/10 Gbps FC rate), in
support of existing system clocking schemes.
On the transmitter side, an equalizer is
integrated in the receive front end to reshape
the data after transmission over FR-4. This
enables low bit error rate and transmission over
longer trace length.
The low-jitter, 1-bit, CML interfaces guarantee
compliance with the bit-error rate requirements
of the Telcordia and ITU-T standards. The
10 Gbps serial electrical interface specifications
are compliant with the XFI as specified in the
XFP MSA module specification. The high speed
serial input and output can be connected to the
AMCC SerDes (S19235 or S19237) across 60 cm
(24”) of improved FR-4 material or across 40 cm
of standard FR-4 with one connector.
Features
• Complies with XFP MSA Specifications
• 25 mUIpp Jitter Generation
• TX Equalizer to Mitigate Data Dependent Jitter
• Low Power 540 mW
• Dual CDR - 9.95 to 11.32 Gbps operation
• Footprint compatible to the EDC based 10G
Dual CDR S19233
• CDR Power Down Option Ideal - 300 mW (with
TX EQ and RX EQ)
• LOS Function - Compliant to GR-253
• RSSI Function (8 mV to 800 mV)
• Squelch Control (LOS or LOL conditions)
• Squelch Output Polarity Control
• Polarity Invert Control on Output Buffers
• Lock detect indication
• Automatic Threshold Adjust (Maximizes Sen-
sitivity)
• External threshold & Phase Adjust Through
I2C Bus®
• Superior Crosstalk Isolation
• Loopback (Optical and Electrical interface)
• AGC embedded equalizer TX and RX
• Integrated equalizer that support over 24” FR-
4 on Transmitter Electrical Side
• TX Output Buffer Slew Rate Control
• Lock detect indication
• -40 to 85°C operation
• CMOS 0.13 Micron Technology
• 1.8 and 3.3 Volt Power Supply
•6x6 mm2 PBGA package with 0.8 mm pitch
• ESD - 1500 V, 500 V High Speed Inputs
Applications
• 10G Fibre Channel and Ethernet Designs
• 10GbE with FEC
• 10G SONET/SDH/FEC Designs
• SONET/SDH Test Equipment
• SONET/SDH/FEC DWDM Equipment
• XFP MSA Modules (2 km, 10 km, and 40 km)
S19256
10 G Ethernet / Fibre Channel / SONET / SDH Dual CDR (2km - 30km)
System Block Diagram with the S19256
OC-192/
10GE /10FC
AMCC
S19235/
37
XFP Module
XFI
TOSA
ROSA
AMCC
S19256
Dual
CDR
10 Gbps Line Card


Similar Part No. - S19235

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S19235 AMCC-S19235 Datasheet
94Kb / 2P
10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR
S19235 AMCC-S19235 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
S19235PB11 AMCC-S19235PB11 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
More results

Similar Description - S19235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS19233 AMCC-CS19233 Datasheet
94Kb / 2P
10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 111908
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
Optical communication equipment (SONET, SDH, Ethernet)
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com