Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-APL1-SEMI Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL1-SEMI
Description  PICO-SEMI Embedded Barebone Kit with Intel® Atom™ Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL1-SEMI Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL1-SEMI Datasheet HTML 1Page - AAEON Technology PICO-APL1-SEMI Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-32
0
3
Note: All specifications are subject to change without notice.
www.aaeon.com
Dimension
Unit: mm
DIN-Rail Mount Illustration
Wall Mount Illustration
Installation Scenario
PICO-APL1-SEMI
Dimension
Unit: mm
DIN-Rail Mount Illustration
Wall Mount Illustration
Installation Scenario
Ordering Information
* This is a barebones kit, customer assembly is required.
Photos show assembled product, DIN Rail and Wall Mount kit are optional parts.
Part Number
CPU
Memeory
Fan/Fanless
Display
Storage
LAN
USB
Expansion Slot
Power
Temp
Others
PICO-APL1-SEMI-A10-FB02
N3350
DDR3L SODIMM Socket
Fanless
HDMI
SATA x 1, mSATA x 1 (Full-size)
GbE x 1
USB 3.2 Gen
1 x 2, USB2.0
x 1
miniCard x 1 (Half-Size)
12V DC Jack
0°C ~ 50°C
@ 0.5 m/s airflow
COM Port optional



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com