Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-APL2 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL2
Description  Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL2 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL2 Datasheet HTML 1Page - AAEON Technology PICO-APL2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-36
0
3
Note: All specifications are subject to change without notice.
www.aaeon.com
PICO-APL2
Block Diagram
Dimension
Unit: mm
Ordering Information
Part number
CPU
Memory
Display
Storage
LAN
USB
RS-232/422/485
Expansion slot
Power
Operating Temp
Others
PICO-APL2-A10-0001
N4200
8GB
HDMI x 1
LVDS x 1
SATAIII x 1
GbE x 1
USB3.2 Gen 1 x 2
USB2.0 x 1
2
Full-size mSATA/mPCIE or USB2.0 x 1
Half-size Mini Card x 1
+12V
0°C ~ 60°C
DIO 4 bit
SMBus/I2C x 1
PICO-APL2-A10-0002
N3350
8GB
HDMI x 1
LVDS x 1
SATAIII x 1
GbE x 1
USB3.2 Gen 1 x 2
USB2.0 x 1
2
Full-size mSATA/mPCIE or USB2.0 x 1
Half-size Mini Card x 1
+12V
0°C ~ 60°C
DIO 4 bit
SMBus/I2C x 1
PICO-APL2-A10-0003
E3950
8GB
HDMI x 1
LVDS x 1
SATAIII x 1
GbE x 1
USB3.2 Gen 1 x 2
USB2.0 x 1
2
Full-size mSATA/mPCIE or USB2.0 x 1
Half-size Mini Card x 1
+12V
0°C ~ 60°C
DIO 4 bit
SMBus/I2C x 1
USB 2.0 *1
USB2.0 *1 (Pin Header)
mSATA/mini-PCIe
(full)
SATA III
SATA III *1
Super I/O
COM1 ~2
(supports RS232/422/485)
HW
Monitor
LPC
SPI
BIOS
mSATA/mini-PCIe
(half)
PCIex1
HDMI
DDI1
HDMI 1.4
Level shi�er
Power In
12V
DDR3L SODIMM
Up to 8GB
LVDS
DDI0
18/24-bit dual LVDS
DP to LVDS
Intel
GbE Ethernet
i210AT/ i210IT
PCIe [x1] *1
GbE
USB3.2 & USB2.0 *2
Intel® Apollo
Lake SoC
BIO
PCIe x2
USB2.0/USB3.2
SMBUS/LPC/GPIO or Power good
USB3.2*2
RJ-45
DDI2
Channel 0
PCIe[x1] /SATAIII
USB2.0 *1
SMBUS/I2C
SMBUS/I2C*1
Line out
USB2.0 *1
Digital I/O
SMBUS
4-bit DIO
audio codec
HD audio
Line out
LED
LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com