Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-APL3-SEMI Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL3-SEMI
Description  PICO-SEMI Embedded Barebone Kit with Intel® Celeron/Pentium Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL3-SEMI Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL3-SEMI Datasheet HTML 1Page - AAEON Technology PICO-APL3-SEMI Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-30
0
3
Note: All specifications are subject to change without notice.
www.aaeon.com
Dimension
Unit: mm
DIN-Rail Mount Illustration
Wall Mount Illustration
Installation Scenario
PICO-APL3-SEMI
Ordering Information
Part number
CPU
Memory
Thermal
Display
Storage
LAN
USB
Expansion slot
Power
Operating Temp
Others
PICO-APL3-SEMI-A10-FS01
N3350
Onboard
DDR3L 2GB
W/ heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
PICO-APL3-SEMI-A10-FS02
N3350
Onboard
DDR3L 4GB
W/ heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
PICO-APL3-SEMI-A10-FS03
N4200
Onboard
DDR3L 4GB
W/ heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
PICO-APL3-SEMI-A10-FS04
N3350
Onboard
DDR3L 2GB
W/O heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
PICO-APL3-SEMI-A10-FS05
N3350
Onboard
DDR3L 4GB
W/O heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
PICO-APL3-SEMI-A10-FS06
N4200
Onboard
DDR3L 4GB
W/O heat sink
HDMI x 1
SATAIII x 1
eMMC 32GB
GbE x 1
USB3.2 Gen 1 x 2
M.2 2280 B-key x 1
M.2 2230 E-key x 1
+12V (ATX)
0~50˚C
I2C x 1
DIN Rail and Wall Mount Kit are optional parts.
With Heat Sink
Without Heat Sink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com