Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKB29BC-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HKB29BC-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HKB29BC-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HKB29BC-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc HKB29BC-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Differential Positive ECL (DPECL)
SK-B29B0 Series
Description
The SK-B29B0 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This
device is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This
device is intended to operate on positive voltage for PECL applications.
Features
• Wide frequency range - 350.0MHz to 1.7GHz
• User specified tolerance available
• Case at electrical ground
• Will withstand SMD reflow temperatures of 253°C
for 4 minutes maximum
• All metal, resistance weld, hermetically sealed
package
• High shock resistance, to 1500g
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• High frequencies due to proprietary design
• RoHS compliant, Lead-free construction
Electrical Connection
Pin
Connection
1
V
CC
2
V
EE Case
6
V
EE Case
7
Output
8
/Output
9
V
EE Case
13
V
EE Case
14
Enable/Disable
All other pins are
No Connect
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0447H
Rev. D


Similar Part No. - HKB29BC-FREQ

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
155MHz LASER SWITCH
More results

Similar Description - HKB29BC-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com