Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L06ACD-R1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 78L06ACD-R1
Description  The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

78L06ACD-R1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  78L06ACD-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78L06ACD-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
78L00AC Series
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
3
78L05AC ELECTRICAL CHARACTERISTICS
(V
I = 10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
4.8
5.0
5.2
V
Output Voltage,
7.0V < V
I < 20.0V, 1mA < IO <
40mA
V
O
4.75
–
5.25
V
Line Regulation,
7.0V < V
I < 20.0V
–
–
150
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
–
–
–
–
60
30
mV
Input Bias Current
I
IB
–
–
6
mA
Input Bias Current,
8.0V < V
I < 20.0V, 1mA < IO <
40mA
∆∆I
IB
–
–
1.5
mA
Ripple Rejection,
8.0V < V
I < 18.0V, IO=40mA, f=120Hz
RR
41
–
–
dB
Dropout Voltage
V
I – VO
1.7
–
V
78L06AC ELECTRICAL CHARACTERISTICS
(V
I = 12 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
5.75
6.0
6.25
V
Output Voltage,
8.5V < V
I < 20.0V, 1mA < IO <
40mA
V
O
5.7
–
6.3
V
Line Regulation,
8.5V < V
I < 20.0V
–
–
175
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
–
–
–
–
80
40
mV
Input Bias Current
I
IB
–
–
6
mA
Input Bias Current,
9.0V < V
I < 20.0V, 1mA < IO <
40mA
∆∆I
IB
–
–
1.5
mA
Ripple Rejection,
10.0V < V
I < 20.0V, IO=40mA, f=120Hz
RR
40
–
–
dB
Dropout Voltage
V
I – VO
1.7
–
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com