Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR6MXCS Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # AR6MXCS
Description  Cost Effective, Ultra Low Powert 5V DC-in, Palm Size ARM Motherboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

AR6MXCS Datasheet(HTML) 1 Page - BCM Advanced Research.

  AR6MXCS Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 02/11/2016
Ordering Info
AR6MXCS
NXP® i.MX6 Cortex A9 Solo Core 1.0 GHz ARM Motherboard
(Board only)
AR6MXCS-DEV-LN
Development kit includes one AR6MXCS motherboard, 8 GB MicroSD
Card pre-loaded with Linux OS, USB to TTL Cable, USB OTG Cable and
5V AC Adapter
Mechanical & Environment
Power
5V DC Input
Operating Temp.
0 ~ 60°C
Storage Temp.
-20 ~ 80°C
Operating
Humidity
5 ~ 90% Relative Humidity, Non-condensing
Form Factor
Custom, Small Form Factor
Dimensions
4.72" x 3.07" (120mm x 78mm)
Certification
Information
CE, FCC Class B
Weight
3.5 oz
System
CPU
NXP i.MX6 Cortex A9 Solo Core 1.0 GHz Processor Onboard
System Memory
512 MB DDR3 Memory Onboard, expandable to 1 GB
Bluetooth & WiFi
Optional Through Mini-PCIe Module
Audio
Wolfson® WM8962 Ultra Low Power Audio Codec
Ethernet
Micrel® KSZ9031 Gigabit Ethernet
Expansion
1 x uSD Card Slot (Bootable)
Onboard eMMC Flash (Optional)
1 x Mini PCIe (Half Size)
OS Support
Android
Android 4.3, 4.4 and 5.0 can be supported if upgraded to 1G
DDR3 memory. Please contact us for more information
Linux
Linux Ubuntu 14.04.2 (Check Latest Version Online)
Other
Linux Yocto 1.7 (Check Latest Version Online)
Video
Video Interface
1 x 18/24bits LVDS, 1 x HDMI
Video Processing
Unit
OpenGL® ES 2.0 and OpenVG™ 1.1 Hardware Accelerators
& Multi-Format HD1080p Video Decoder and HD720p Video
Encoder Engine
External I/O
Audio Interface
1 x Line-Out
USB
2 x USB 2.0 and 1 x Micro USB Connector (USB OTG)
HDMI
1 x HDMI
LAN
1 x RJ-45
DC-in
1 x Barrel Type Connector
Internal I/O
LVDS
1 x LVDS and 1 x Inverter Control Header
USB
1 x USB 2.0 Headers (2 Ports)
COM (Serial Port)
1 x TTL
DIO
1 x 8 bits GPIO
MIO
1 x Front Panel, 1 x Cable Type CMOS Battery, 1 x I²C Header,
x CAN Bus Header, 1 x Mic-in Header, 1 x Line-out Header
(Optional), 1 x DC-in Header (Optional)
• NXPi.MX6ARMCortexA9SoloCore1.0GHz
• 512MBonboardDDR3Memory
• DualDisplay:1x18/24bitsLVDS,1xHDMI
• 3xUSB2.0(2externaland1internal)and1xOTG
• 1xCOM(RS232)and1xCOM(TTL)
• 1xuSDCardSocket
• 1xSIMCardSocket
• ExternalRTC:Seiko®S-35390orEquivalent(Optional)
• 5VDCInput
• SmallFormFactor(PalmSize)
Cost Effective, Ultra Low Powert 5V DC-in, Palm
Size ARM Motherboard
AR6MXCS
DC-in
HDMI
LAN
2 x USB
1 x USB OTG
1 x RS232
Line-out
1 x uSD
1 x SIM Card Socket
1 x LVDS
1 x TTL
1 x USB


Similar Part No. - AR6MXCS

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR6MXCS-DEV BCM-AR6MXCS-DEV Datasheet
304Kb / 1P
AR6MXCS ARM Development Kit pre-loaded with Linux OS
2020/11/02
AR6MXCS-DEV-LN BCM-AR6MXCS-DEV-LN Datasheet
304Kb / 1P
AR6MXCS ARM Development Kit pre-loaded with Linux OS
2020/11/02
More results

Similar Description - AR6MXCS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
Low-Cost Demo Kit Motherboard
REV: 052903
logo
Advantech Co., Ltd.
AIMB-C600 ADVANTECH-AIMB-C600_12 Datasheet
1Mb / 2P
Cost-effective Desktop Chassis for MicroATX Motherboard
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
1U Cost-effective Rackmount Chassis for ATX Motherboard
logo
TE Connectivity Ltd
20EHQ1 TEC-20EHQ1 Datasheet
312Kb / 2P
Size and cost effective design
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
logo
Advantech Co., Ltd.
IPC-7132 ADVANTECH-IPC-7132_17 Datasheet
835Kb / 2P
Cost-effective Wallmount Chassis for ATX/mATX Motherboard
IPC-7132 ADVANTECH-IPC-7132_V01 Datasheet
836Kb / 2P
Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
IPC-900 ADVANTECH-IPC-900 Datasheet
965Kb / 2P
Cost-effective Wallmount Chassis for ATX/uATX Motherboard
2-Apr-2018
logo
BCM Advanced Research.
AR8MXMM BCM-AR8MXMM Datasheet
464Kb / 1P
i.MX8M Mini Quad Core SoC Ultra Compact, Ultra Low Power ARM Motherboard
2021/06/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com