Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8MXMQ-DEV Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # AR8MXMQ-DEV
Description  AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

AR8MXMQ-DEV Datasheet(HTML) 1 Page - BCM Advanced Research.

  AR8MXMQ-DEV Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Ordering Info
AR8MXMQ-DEV-LX
AR8MXMQ development kit with Linux OS
AR8MXMQ-DEV-AN
AR8MXMQ development kit with Android OS
2021/02/03
• DevelopmentKitwith10.1”TouchPanel
• i.MX8MCortexA53/CortexM4Processoronboard
• 2GBOnboardDDR4,16GBeMMCOnboard
• SIMCard,MicroSDCardSlot
• Pre-loadedOS:Ubuntu,Yocto,orAndroidoneMMC
AR8MXMQ Development Kit with 10in Touch Panel,
Android or Linux OS
Mechanical & Environment
Power Adaptor
12V Power Adaptor
System
CPU
NXP i.MX 8M Cortex A53/ Cortex M4, Quad Core Processor
System Memory
2GB Onboard DDR4 Memory
Storage
1 x MicroSD Card Slot
Onboard 16GB eMMC Flash
Audio
Chipset:Wolfson® WM8960 Ultra Low Power Audio Codec
Ethernet
LAN 1: Micrel® KSZ9031 Gigabit Ethernet
LAN 2: Realtek® RTL8119G PCIe Gigabit Ethernet
Expansion
1 x 2230 M.2 E Key for Wi-Fi/BT (PCIe & USB Channel)
1 x 3042 M.2 B Key for 3G/4G Module (USB Only)
1 x SIM Card Slot for 3G/4G Module
OS Support
Linux, Android
Panel Display
LCD Size
10.1"
Display Type
LCD
Resolution
1280 x 800
Luminance
350cd/m²
View Angle(H+-/
V+-)
85°/85° (H/V)
Touch Type
PCAP
AR8MXMQ-DEV
Development Kit Includes
Qty
Description
1
1
1 x AR8MXMQ Motherboard (Quad-Core CPU) with OS
2
1
10.1” Touch Panel, 1 x Wi-Fi Module, 2 x Antennas
3
1
1 x 12V Power Supply
4
1
1 x USB to TTL Cable
5
1
1 x USB Type C to Type A Cable
1
2
3
4
5
COMING SOON


Similar Part No. - AR8MXMQ-DEV

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR8MXMQ BCM-AR8MXMQ Datasheet
591Kb / 1P
NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
2021/06/09
More results

Similar Description - AR8MXMQ-DEV

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Microchip Technology
PIC24F MICROCHIP-PIC24F Datasheet
169Kb / 1P
PIC24F Accessory Development Starter Kit for Android
DM320016 MICROCHIP-DM320016 Datasheet
343Kb / 6P
PCAP Touch Pad Development Kit with Gestures Product Brief
10/28/13
logo
Prosoft-Technology
MVI69E-LDM PROSOFT-MVI69E-LDM Datasheet
375Kb / 2P
Linux Development Module for CompactLogix
MVI56E-LDM PROSOFT-MVI56E-LDM Datasheet
562Kb / 2P
Linux Development Module for ControlLogix
logo
Advantech Co., Ltd.
PPC-112W ADVANTECH-PPC-112W Datasheet
379Kb / 2P
11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
PPC-115W ADVANTECH-PPC-115W Datasheet
368Kb / 2P
15.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
logo
BCM Advanced Research.
AR3399RK-DEV BCM-AR3399RK-DEV Datasheet
246Kb / 1P
AR3399RK Development Kit with 10in Touch Panel, Android or Linux OS
2020/11/16
AR6MXCS-DEV BCM-AR6MXCS-DEV Datasheet
304Kb / 1P
AR6MXCS ARM Development Kit pre-loaded with Linux OS
2020/11/02
AR8MXMM-DEV BCM-AR8MXMM-DEV Datasheet
240Kb / 1P
AR8MXMM (i.MX 8M Mini) Development Kit with 10in Touch Panel, Android or Linux OS
2020/11/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com