Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORY Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ACCESSORY
Description  Intel C246 ATX Motherboard supports 8th Gen Intel Xeon E Series/Core-i/Pentium/Celeron Processors with ECC Memory Support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ACCESSORY Datasheet(HTML) 1 Page - BCM Advanced Research.

  ACCESSORY Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
* All product specifications and images are subject to change without notice. Last update:
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An Industry Leader in Industrial Motherboards
& Embedded Computing
BCMSales@bcmcom.com
(949) 470-1888
BC246C
2020/12/14
Ordering Info
BC246C
Intel C246 ATX Motherboard
Accessory
1 x I/O Shield
• LGA1151socketsupports2C/4C/6CIntel®XeonE,Core™-i,
Pentium®, Celeron® processors
• 4xDIMMsocketssupport2666/2400/2133MHzUDIMMupto
64GB system memory
• SupportsECCMemoryusingcompatibleprocessors
• 1xPCIex16,2xPCIex4,2xPCIex1,2xPCI,2xM.2
• SupportsTripleDisplays
• 1xHDMI,2xDisplayPorts(supportsDP++),1xVGA
• OnboardUSB:8xUSB2.0and1xUSB3.1Gen2Header(2
Ports on Header)
• ExternalUSB:6xUSB3.1Gen1(Speedupto5Gbps)and1x
USB 3.1 Gen 2 Type-C (Speed up to 10Gbps)
• 6xCOMPorts
• TPM2.0
Intel C246 ATX Motherboard supports 8th Gen Intel
Xeon E Series/Core-i/Pentium/Celeron Processors
with ECC Memory Support
Onboard I/O
USB
4 x USB 2.0 Headers (8 Ports on Header)
1 x USB 3.1 Gen 2 Header with Shroud (2 Ports on Header)
COM
5 x RS-232 Headers with Voltage Selection
1 x RS-232/422/485 Headers with Voltage Selection
SATA
5 x SATA III
1 x SATA III (Shared with M.2)
MIO
1 x LPT, 1 x LPC, 1 x SPI, 1 x Front Audio, 1 x Amplifier, 1 x Front
Panel, 1 x 8-bit GPIO, 1 x 4-pin CPU Fan, 2 x 4-pin Chassis Fan,
2 x LAN Status LED Headers, 1 x Horizontal Socket Type CMOS
Battery Holder, 1 x Chassis Intrusion Locking Type Header
Mechanical & Environment
Power Connector 1 x Std. 24 pin ATX Connector
1 x 4 pin ATX 12 Connector
AT/ATX Mode Jumper
Operating Temp.
0°C ~ 60°C (32°F ~ 140°F)
Storage Temp.
-20°C ~ 80°C (-4°F ~ 176°F)
Operating
Humidity
5% ~ 90% Relative Humidity, Non-condensing
Dimensions
12” x 9.6” (305x244mm)
Certification
Information
CE, FCC Class B
Weight
1.85 lbs
System
CPU
LGA1151 socket supports 2C/4C/6C Intel® Xeon E, Core™-i,
Pentium®, Celeron® processors (Intel® Coffee Lake Platform)
up to 95W TDP
Supported Intel® 9th gen processors:
Intel® Core i7-9700E
Intel® Core i7-9700TE
Intel® Core i5-9500TE
Intel® Core i5-9500E
Intel® Core i3-9100E
Intel® Core i3-9100TE
System Chipset
Intel® C246 Express Chipset
System Memory
4 x DIMM sockets support 2666/2400/2133 MHz UDIMM up to
64GB
Supports ECC Memory using compatible processors
Audio
Realtek HD Audio support 7.1 channel sound playback
Ethernet
Intel® I225/I226 Ethernet Controller
* Please note 05/12/2022 PCN update
BIOS
AMI 256Mb SPI BIOS
Expansion
1 x PCIe x16 Slot
2 x PCIe x4 Slots
2 x PCIe x1 Slots
2 x PCI Slots
1 x M.2 Type M 2242, 2260, 2280 Slot (with PCIe x4 & SATA III)
1 x M.2 Type A/E 2232 (with USB & PCIe x1)
TPM
TPM 2.0
Display
Graphics Engine
Intel® Integrated Graphic
Display Interfaces 2 x DisplayPort (supports DP++), 1 x HDMI, 1 x VGA
Display Capability Supports 3 Independent Display
External I/O
Audio
Line-in, Line-out, Mic-in
USB
2 x USB 3.1 Gen 2 Type-A Connectors
1 x USB 3.1 Gen 2 Type-C Connectors
Note:
USB 3.1 Gen 1 (Speed up to 5Gbps), same as USB 3.0
USB 3.1 Gen 2 (Speed up to 10Gbps)
LAN and USB
2 x RJ45 and 2 x USB 3.1 Gen 1 (Stacked) (4 x USB 3.1 Ports)
Display
1 x DB-15 VGA
2 x DisplayPort (supports DP++)
1 x HDMI
VGA (top)
HDMI (bottom)
Audio Jacks
4-pin ATX Power
Connector
ATX Power
1 x USB 3.1 Gen 2 Header with
4 x USB 2.0
1 x M.2 (Full Size)
2 x DisplayPort


Similar Part No. - ACCESSORY

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ACCESSORIES SCHURTER-ACCESSORIES Datasheet
200Kb / 7P
Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
logo
Vishay Siliconix
ACCESSORIES VISHAY-ACCESSORIES Datasheet
127Kb / 4P
Aluminum Electrolytic Capacitors - Accessories (Vishay BCcomponents)
15-Feb-2022
More results

Similar Description - ACCESSORY

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-601LF PROTECHSYSTEMS-PMB-601LF Datasheet
387Kb / 2P
Intel Q965 ATX Motherboard Supports Intel Core 2 Duo Processors
logo
Adlink Technology Inc.
IMB-M42H ADLINK-IMB-M42H Datasheet
540Kb / 1P
Industrial ATX Motherboard with 4th Gen Intel Core Pentium Processor
IMB-M43 ADLINK-IMB-M43 Datasheet
433Kb / 3P
Industrial ATX Motherboard with Gen Intel Core and Xeon E3-1200 Processors
IMB-M43-C236 ADLINK-IMB-M43-C236 Datasheet
433Kb / 3P
Industrial ATX Motherboard with Gen Intel Core and Xeon E3-1200 Processors
IMB-M45 ADLINK-IMB-M45 Datasheet
758Kb / 3P
Industrial ATX Motherboard with Intel Core or Xeon E Processors
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com