Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1555-R Datasheet(PDF) 1 Page - MTRONPTI

Part # SX1555-R
Description  3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

SX1555-R Datasheet(HTML) 1 Page - MTRONPTI

  SX1555-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 7-26-06
SX1555 Series
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals
Electrical/Environmental Specifications
Table 1
SX1555 00.0000 MHz (customer specified frequency)
SX1555-R 00.0000 MHz (RoHS Compliant and customer specified frequency)


Similar Part No. - SX1555-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SX1555-R MTRONPTI-SX1555-R Datasheet
252Kb / 2P
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals
SX1555-R MTRONPTI-SX1555-R Datasheet
286Kb / 2P
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystal
More results

Similar Description - SX1555-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-3X8 ETC1-ECS-3X8 Datasheet
80Kb / 1P
32.768 KHz TUNING FORK CRYSTALS
logo
MTRONPTI
SX1555 MTRONPTI-SX1555_07 Datasheet
252Kb / 2P
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals
SX1555-R MTRONPTI-SX1555-R Datasheet
286Kb / 2P
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystal
logo
ECS, Inc.
ECS-3X8 ECS-ECS-3X8 Datasheet
80Kb / 1P
32.768 KHz TUNING FORK CRYSTALS
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
32.768 KHz Surface Mount Crystal
T38 MERCURY-T38 Datasheet
82Kb / 2P
32.768 KHz Tuning Fork Watch Crystals
X3215 MERCURY-X3215 Datasheet
135Kb / 2P
3.2x1.5x0.8 mm 32.768 KHz Tuning Fork Surface Mount Crystal
X4115 MERCURY-X4115 Datasheet
135Kb / 2P
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com