Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA-B29LLCF-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AA-B29LLCF-FREQ
Description  LVPECL HF/UHF CLOCK (XO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-B29LLCF-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AA-B29LLCF-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AA-B29LLCF-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AA-B29LLCF-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVPECL HF/UHF CLOCK (XO)
AA-X29LXXX Series
Description
The AA-X29LXXX Series of quartz crystal oscillators provides ultra high frequency with LVPECL
complementary outputs. The outputs can be disabled for test automation or combining multiple clocks. The
device is based on low noise analog harmonic multiplication, and packaged in a miniature, low profile
leadless FR4 based package with gold plated pads, which enhances compatibility with PCB material.
Applications and Features
• Ultra High Frequency – 150.0MHz to 500.000MHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Fast Rise and Fall times
• Tight frequency stability - ±20 ppm overall available
• RoHS Compliant, Lead Free Construction
• Low cost
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631F
Rev. -
AA - X 29L X X X - FREQ
Package Code
Overall Frequency Stability, ppm
AA
6 pad 7.5x 5.2mm SMD
E ±20
F ±25
Input Voltage
G ±50
A
3.3V±5%
H ±100
B
2.5V±5%
9 Customer specific
Enable Option
Temperature Range, °C
L
Enable Low
A
0 to 50
N
N/C
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Similar Part No. - AA-B29LLCF-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-B2D6H99-FREQ NEL-AA-B2D6H99-FREQ Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-B2D6H9E-FREQ NEL-AA-B2D6H9E-FREQ Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-B2D6H9F-FREQ NEL-AA-B2D6H9F-FREQ Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-B2D6H9G-FREQ NEL-AA-B2D6H9G-FREQ Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-B2D6H9H-FREQ NEL-AA-B2D6H9H-FREQ Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
More results

Similar Description - AA-B29LLCF-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
LVPECL UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
LVDS HF/UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
LVPECL HF/UHF CLOCK (XO)
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
LVPECL UHF CLOCK (XO)
AA-X1EXX-X NEL-AA-X1EXX-X Datasheet
162Kb / 3P
HCSL COMPATIBLE HF/UHF CLOCK (XO)
AA-XEXX-X NEL-AA-XEXX-X Datasheet
151Kb / 3P
HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com