Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

321410102 Datasheet(PDF) 1 Page - ITT Industries

Part # 321410102
Description  Thumbwheel Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

321410102 Datasheet(HTML) 1 Page - ITT Industries

  321410102 Datasheet HTML 1Page - ITT Industries 321410102 Datasheet HTML 2Page - ITT Industries 321410102 Datasheet HTML 3Page - ITT Industries 321410102 Datasheet HTML 4Page - ITT Industries 321410102 Datasheet HTML 5Page - ITT Industries 321410102 Datasheet HTML 6Page - ITT Industries 321410102 Datasheet HTML 7Page - ITT Industries 321410102 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N–8
N
C&K 3 Series
Thumbwheel Switches
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Features/Benefits
• Most complete product offering in the industry
• Spacers available to fit most panel cutouts
• Front or rear mounting options
Typical Applications
• Test & measurement equipment
• Industrial equipment
• Computer devices
Specifications
CONTACT RATING:
CARRY: 1 AMP continuous.
SWITCH: 100 mA max.
OPERATING VOLTAGE: 50 mV to 28 V DC or 120 V AC.
ELECTRICAL LIFE: 100,000 actuations.
CONTACT RESISTANCE: Below 100 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level
between common terminal and any output.
OPERATING TEMPERATURE: -10ºC to 65ºC.
Materials
HOUSING: ABS plastic.
THUMBWHEEL: ABS plastic.
ROTOR CONTACTS: Precious metal on copper alloy.
STATOR CONTACTS: Hard gold over nickel over copper
on epoxy fiberglass.
NOTE: Specifications and materials listed above are for switches with standard options
For information on specific and custom switches, consult Customer Service Center.
* Note: All models listed are RoHS compliant. See Technical Data section of this catalog for
RoHS compliant and compatible definitions and specifications.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages N–9 thru N–12. For additional options not shown in catalog, consult Customer Service Center.
Consult factory for illumination availability.
Series
3
Thumbwheel switch
Number of Sections
0
Switch section
1
1 Switch section
2
2 Switch sections
3
3 Switch sections
4
4 Switch sections
5
5 Switch sections
6
6 Switch sections
7
7 Switch sections
8
8 Switch sections
9
More than 8
switch sections
Seal
0
No seal
1
Sealed contacts
2
Dust lens
3
Sealed contacts & dust lens
Function Code
11 Decimal, SP, 10 position
14 Resistor decade
21 BCD, 10 position
23 Complement of BCD, 10 position
27 BCD, 10 position
31 BCD, 10 position
71 BCH, 16 position
Terminations
0
Type 0
1
Type 1, extended type 0
N Solder pins with .100” spacing**
P Solder pins with .156” spacing**
9
Any combination
Color/Marking/Stops
0
Matte black body, gloss
black wheel,
white marking
Mounting Style
00 Snap-in, front mount
09 Snap-in, front mount*
10 Rear mount
19 Rear mount*
20 Rear mount
29 Rear mount*
*X9 mounting styles must be ordered with ‘0’ number of sections.
** Note: Termination option N (RoHS compliant) replaced termination option 3 (Non-RoHS compliant).
Termination option P (RoHS compliant) replaced termination option B (Non-RoHS compliant).


Similar Part No. - 321410102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3214 ALLEGRO-3214 Datasheet
575Kb / 11P
MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
logo
List of Unclassifed Man...
3214 ETC2-3214 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Bourns Electronic Solut...
3214 BOURNS-3214 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
ebm-papst
3214 EBMPAPST-3214 Datasheet
426Kb / 3P
DC diagonal fans
logo
List of Unclassifed Man...
3214 ETC2-3214 Datasheet
68Kb / 1P
WASHERS
More results

Similar Description - 321410102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
Thumbwheel Switch
A7CN OMRON-A7CN Datasheet
493Kb / 6P
Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
Thumbwheel Switches
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
3 Series Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
Thumbwheel Switch
A7MD OMRON-A7MD Datasheet
466Kb / 4P
Ultra-small Thumbwheel-operated Switches
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
Thumbwheel Switches
2020
logo
Omron Electronics LLC
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com