Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8563ARMZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8563ARMZ-R2
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8563ARMZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8563ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8563ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8563
Preliminary Technical Data
Rev. PrA | Page 4 of 15
VS = 2.7 V, VCM = -0 V, VREF = VS/2, VIN = VINP − VINN, RLOAD = 10 kΩ, TA = 25°C, G = 100, unless specified. See Table 5 for gain setting
resistor values. Temperature specifications guaranteed by characterization.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
G = 1000
30
μV
G = 100
30
μV
G = 10
60
μV
G = 1
500
μV
Vs. Temperature
ΔVOS/
ΔT
G = 1000, −40°C ≤ TA ≤ +125°C
0.1
0.5
μV/°C
G = 100, −40°C ≤ TA ≤ +125°C
0.1
0.5
μV/°C
G = 10, −40°C ≤ TA ≤ +125°C
3
μV/°C
G = 1, −40°C ≤ TA ≤ +125°C
10
μV/°C
Input Bias Current
IB
0.3
1
nA
−40°C ≤ TA ≤ +125°C
2
nA
Input Offset Current
IOS
2
nA
VREF Pin Current
IREF
0.02
1
nA
Input Operating Impedance
Differential
75||2
MΩ||pF
Common Mode
100||2
MΩ||pF
Input Voltage Range
0
0.7
V
Common-Mode Rejection
CMR
G = 100, VCM = 0 V to 0.7 V
100
110
dB
G = 100, VCM = 0 V to 0.7 V, −40°C ≤ TA ≤ +125°C
86
G = 10, VCM = 0 V to 0.7 V
86
95
dB
Gain Error
G = 100, VCM =4.125 mV, VO = 0.075 V to 2.625 V
0.2
0.35
%
G = 10, VCM = 41.25 mV, VO = 0.075 V to 2.625 V
0.2
0.5
%
Gain Drift
G = 1, 10, 100, 1000, −40°C ≤ TA ≤ +125°C
50
ppm/°C
Nonlinearity
G = 100, VCM = 4.125 mV, VO = 0.075 V to 2.625 V
0.015
% FS
G = 10, VCM = 41.25 mV, VO = 0.075 V to 2.625 V
0.015
% FS
VREF Range
0.9
1.8
V
OUTPUT CHARACTERISITICS
Output Voltage High
VOH
2.625
V
Output Voltage Low
VOL
0.075
V
Short-Circuit Current
ISC
±5
mA
POWER SUPPLY
Power Supply Rejection
PSR
G = 100, VS = 2.7 V to 5.5 V, VCM = 0 V
100
120
dB
Supply Current
ISY
IO = 0 mA, VIN = 0 V
0.9
1.2
mA
−40°C ≤ TA ≤ +125°C
1.4
mA
Supply Current Shutdown Mode
ISD
2
4
μA
ENABLE INPUTS
Logic High Voltage
1.4
V
Logic Low Voltage
0.5
V
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.01 Hz to 10 Hz
1
μV p-p
Voltage Noise Density
en
G = 100, f = 1 kHz
45
nV/√Hz
G = 10, f = 1 kHz
180
nV/√Hz
Internal Clock Frequency
40
kHz
Signal Bandwidth1
G = 1 to 1000
1
kHz
1Higher bandwidths result in higher noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com