Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-0.8-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP175ARMZ-0.8-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-0.8-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP175ARMZ-0.8-R7 Datasheet HTML 1Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 2Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 3Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 4Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 5Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 6Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-0.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.5 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 2.2 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = –40°C to +125°C
2.5
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 100 μA
65
μA
IOUT = 100 μA, TJ = –40°C to +125°C
100
μA
IOUT = 100 mA
160
μA
IOUT = 100 mA, TJ = –40°C to +125°C
220
μA
100 μA < IOUT < 500 mA, TJ = –40°C to +125°C
650
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, TJ = –40°C to +125°C
1.0
μA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
–1
+1
%
(ADP1715 and ADP1716 ONLY)
IOUT = 10 mA to 500 mA
–2
+2
%
100 μA < IOUT < 500 mA, TJ = –40°C to +125°C
–3
+3
%
ADJUSTABLE OUTPUT VOLTAGE
VOUT
IOUT = 10 mA
0.792
0.8
0.808
V
ACCURACY (ADP1715 ADJUSTABLE)1
IOUT = 10 mA to 500 mA
0.784
0.816
V
100 μA < IOUT < 500 mA, TJ = –40°C to +125°C
0.776
0.824
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = –40°C to +125°C
–0.15
+0.15
%/ V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 10 mA to 500 mA
0.002
%/mA
IOUT = 10 mA to 500 mA, TJ = –40°C to +125°C
0.004
%/mA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 100 mA, VOUT ≥ 3.3 V
50
mV
IOUT = 100 mA, VOUT ≥ 3.3 V, TJ = –40°C to +125°C
100
mV
IOUT = 500 mA, VOUT ≥ 3.3 V
250
300
mV
IOUT = 500 mA, VOUT ≥ 3.3 V, TJ = –40°C to +125°C
400
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V
60
mV
IOUT = 100 mA, 2.5 V ≤ VOUT < 3.3 V, TJ = –40°C to +125°C
100
mV
IOUT = 500 mA, 2.5 V ≤ VOUT < 3.3 V
320
400
mV
IOUT = 500 mA, 2.5 V ≤ VOUT < 3.3 V, TJ = –40°C to +125°C
500
mV
START-UP TIME4
TSTART-UP
ADP1715 Adjustable and ADP1716
100
μs
ADP1715 with External Soft Start
CSS = 10 nF
7.3
ms
CURRENT LIMIT THRESHOLD5
ILIMIT
550
750
1200
mA
THERMAL SHUTDOWN THRESHOLD
TSSD
TJ rising
150
°C
THERMAL SHUTDOWN HYSTERESIS
TSSD-HYS
15
°C
SOFT-START SOURCE CURRENT
(ADP1715 WITH EXTERNAL
SOFT START)
SSI-SOURCE
SS = GND
0.7
1.2
1.7
μA
VOUT to VTRK ACCURACY
VTRK-ERROR
0 V ≤ VTRK ≤ (0.5 × VOUT(NOM)), VOUT(NOM) ≤ 1.8 V, TJ = –40°C to +125°C
–50
+50
mV
(ADP1716)
0 V ≤ VTRK ≤ (0.5 × VOUT(NOM)), VOUT(NOM) > 1.8 V, TJ = –40°C to +125°C
–100
+100
mV
EN INPUT LOGIC HIGH
VIH
2.5 V ≤ VIN ≤ 5.5 V
1.8
V
EN INPUT LOGIC LOW
VIL
2.5 V ≤ VIN ≤ 5.5 V
0.4
V
EN INPUT LEAKAGE CURRENT
VI-LEAKAGE
EN = IN or GND
0.1
1
μA
ADJ INPUT BIAS CURRENT
(ADP1715 ADJUSTABLE)
ADJI-BIAS
30
100
nA
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VOUT = 0.75 V
125
μVrms
10 Hz to 100 kHz, VOUT = 3.3 V
450
μVrms
POWER SUPPLY REJECTION RATIO
PSRR
1 kHz, VOUT = 0.75 V
67
dB
1 kHz, VOUT = 3.3 V
53
dB
1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances
of resistors used.
2 Based on an end-point calculation using 10 mA and 500 mA loads. See Figure 8 for typical load regulation performance for loads less than 10 mA.
3 Dropout voltage is defined as the input to output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com