Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2470 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VB2470
Description  P-Channel 40 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2470 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VB2470 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VB2470 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Charge
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
0
2
4
6
8
10
0
2
4
6
8
10
12
Q
g -Total Gate Charge (nC)
I
D = 3 A
V
DS = 20 V
0.001
0.01
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
-0.5
-0.2
0.1
0.4
0.7
1.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 3 A
V
GS = 4.5 V
V
GS = 10 V
0.0
0.2
0.4
0.6
0.8
1.0
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
-50
-48
-46
-44
-42
-40
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA
VB2470
www.VBsemi.com
4
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com