Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # MAC4DHM
Description  Blocking voltage to 600 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

MAC4DHM Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  MAC4DHM Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DHM Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DHM Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DHM Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DHM Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
Sensitive Gate Triacs
TM
HPM
Limiting values in accordance with the Maximum system(IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
DRM
I
T(RMS)
It
2
I
GM
V
GM
P
GM
T
stg
T
j
P
G(AV)
Repetitive peak off-state
Voltages
RMS on-state current
Circuit fusing
consideration
Peak gate current
Peak gate voltage
Peak gate power
Pulse width
10
s Tc=93
Pulse width
10
s Tc=93
Pulse width
10
s Tc=93
t=8.3ms Tc=108
Average gate power
Storage temperature
Operating junction
Temperature range
V
V
W
A
W
Full sine wave 60 Hz
t=8.3ms
Tc=93
Tj=-40 to 110
,sine wave,
50 to 60 Hz,Gate open
-
-
-
6.6
-
0.2
-
-
5
-
0.1
0.5
-40
-40
600
110
150
A
As
2
4
SYMBOL
PARAMETER
CONDITIONS
MIN
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
V
GT
I
L
I
I
DRM
RRM
V =Rated V
,V
;
Gate open
D
DRM
RRM
I
H
V
TM
V
GD
Dynamic Characteristics
D/dt
V
(dl/dt)c
Gate trigger current
Gate trigger voltage
Latching current
Peak Repetitive
blocking current
Holding current
Peak on-state voltage
I = 6.0A
TM
+
Gate Non-trigger voltage
Critical rate of rise of
Off-state voltage
Rate of change of
commutating current
V =12V;R =100
DL
V =12V;R =100
DL
V =12V;R =100
DL
V =12V,I =5.0 mA
V =12V,I =5.0 mA
V =12V,I =5.0 mA
V =12V,I =10 mA
DG
DG
DG
DG
V =12V,gote open,lnitiating current= 200mA
D
+
Tj=25
Tj=125
Tj=110
UNIT
MAX
TYP
-
-
-
-
-
-
-
-
0.5
0.5
0.5
0.5
1.75
5.2
2.1
2.2
10
10
10
10
0.62
0.57
0.65
0.74
1.3
1.3
1.3
1.3
-
0.1
0.4
20
-
-
-
-
15
3.0
1.5
1.3
1.6
-
mA
V/
s
A/ms
V
V =67% V
gate open;Tj=110
;
D
DRM
V =200V, I =1.8A
Tj=110
, f=250 Hz,CL=5.0
fd,
LL=80 mH,RS=56
CS=0.03
fd
DTM
dv/dt=1.0V/
s
5
5
5
5
1.8
2.1
2.4
4.2
mA
V
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
-
-
0.01
2.0
-
mA
mA
V
MAC4DHM
G
MAC4DHM
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com