Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM-CFS-H310 Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ECM-CFS-H310
Description  8th/9th Gen Coffee Lake-S 3.5” Micro Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ECM-CFS-H310 Datasheet(HTML) 1 Page - BCM Advanced Research.

  ECM-CFS-H310 Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards
& embedded computing
BCMSales@bcmcom.com
(949) 470-1888
Features
Specifications
* All product specifications and images are subject to change without notice. Last update: 2021/07/29
External I/O
HDMI
2 x HMDI
LAN
2 x RJ45
USB
4 x USB 3.0
COM
1 x COM Port
LED Indicator
1 x Power on/off LED on Rear side
1 x Storage Access LED on Rear side
Mechanical and Environment
Power
+12V
ACPI
Single Power ATX Support S0, S3, S4, S5. ACPI 5.0 Compliant
Power Type
AT/ATX
Operating Temp
0°C ~ 60°C (32°F ~ 140°F) (Standard)
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Op. Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
3.5" Single Board Computer (SBC)
Dimensions
5.7" x 4" (146mm x 101mm)
Weight
0.44 lbs (0.2kg)
Vibration Test
w/SSD: 5Grms, IEC 60068-2-64, Random, 5~500Hz, 30min/axis
Shock Test
With SSD : 10Grms, IEC 60068-2-27, Half Sine, 11ms
Drop Test
ISTA 2A, IEC-60068-2-32 Test : Ed
Certification Info
CE, FCC Class B
System
CPU
Intel® Core™ i7-8700T Processor (12M Cache, up to 4.00 GHz)
Intel® Core™ i5-8500T Processor (9M Cache, up to 3.50 GHz)
Intel® Core™ i3-8100T Processor (6M Cache, 3.10 GHz)
Intel® Pentium® Gold G5400T Processor (4M Cache, 3.10 GHz)
Intel® Celeron® G4900T Processor (2M Cache, 2.90 GHz)
Intel® Core™ i7-9700TE Processor (12M Cache, up to 3.80 GHz)
Intel® Core™ i5-9500TE Processor (9M Cache, up to 3.60 GHz)
Intel® Core™ i3-9100TE Processor (6M Cache, up to 3.20 GHz)
Please note: CPU coolers is included. Please see manual for
included accessories.
System Chipset
Intel® Q370 Express Chipset
Intel® H310 Express Chipset
System Memory
1x260-Pin SODIMM Socket, up to 32GB DDR4 2400/2666MHz
Audio
Realtek ALC892, supports 5.1-CH
Ethernet
LAN 1: Intel® I211AT Gigabit Ethernet Controller
LAN 2: Intel® I219LM Gigabit Ethernet Controller
Expansion
1 x mini-PCIe (mSATA)
Q370: with PCIe/SATA/USB 2.0; H310: with SATA/USB2.0
Storage
1 x mSATA and 2 x SATA III
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec.
H/W Status
Monitor
Monitoring System Temperature and Voltage with Auto Throt-
tling Control
OS Support
Win 10, Linux
Display
Chipset
Intel® UHD Graphics 630 (i7-8700T, i7-9700TE, i5-8500T,
i5-9500TE, i3-8100T, i3-9100TE)
Intel® UHD Graphics 610 (Pentium G5400T, Celeron G4900T)
Resolution
Dual HDMI 1.4: Max. Resolution 4096x2304@30Hz
LVDS: Max. Resolution 1920x1080@60Hz
Multiple Display
Q370 supports Triple Display
H310 supports Dual Display: LVDS + HDMI1 (default LVDS
enable) or HDMI1 + HDMI2 (LVDS disabled)
Internal I/O
LVDS
1 x LVDS
COM
1 x RS232
SATA
2 x SATA III
MIO
1 x LPC, 1 x SPI, 4-pin CPU Fan, CMOS Battery
• TopLayerSolderedSocket
• Supports9th/8thGenIntel®CoffeeLake-SCoreTM/
Pentium®/Celeron® Processors
• Intel®Q370/H310ExpressChipset
• Intel®UHDGraphics630/610
• SingleDRAMSocket,Max.Upto32GBDDR42666MHz
• TripleDisplay(2xHDMI,LVDS)
• 2xUSB2.0,4xUSB3.1(Q370w/Gen2,H310w/Gen1)
• mini-PCIe(mSATA),2xSATAIII
• DualGigabitEthernet
• HDAudioCode
• RAID0/1
• OptionalTPM2.0
8th/9th Gen Coffee Lake-S 3.5” Micro Module
ECM-CFS
4 x USB 3.0
2 x LAN
2 x HDMI
COM Port
COM Port
2 x SATA III
LVDS
Ordering Info
ECM-CFS-Q370
3.5" Intel® Q370 PCH/LGA 1151 CPU Socket
ECM-CFS-H310
3.5" Intel® H310 PCH/LGA 1151 CPU Socket


Similar Part No. - ECM-CFS-H310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2TR ECLIPTEK-ECM-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECM-CFS-H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL551 DFI-WL551 Datasheet
781Kb / 4P
8th Gen Intel Core 3.5
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
logo
AAEON Technology
ASDM-L-CFS AAEON-ASDM-L-CFS Datasheet
534Kb / 2P
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
logo
BCM Advanced Research.
ECM-KBLU BCM-ECM-KBLU Datasheet
415Kb / 1P
7th Gen Intel® Kaby Lake-U Processor 3.5” Micro Module
2021/02/23
ECM-WHL BCM-ECM-WHL Datasheet
668Kb / 1P
8th Gen Intel® Whiskey Lake 3.5” Micro Module
2021/07/29
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com