Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM-RPLP Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # ECM-RPLP
Description  13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ECM-RPLP Datasheet(HTML) 2 Page - BCM Advanced Research.

  ECM-RPLP Datasheet HTML 1Page - BCM Advanced Research. ECM-RPLP Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications and images are subject to change without notice. Last update:
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An Industry Leader in Industrial Motherboards
& Embedded Computing
BCMSales@bcmcom.com
(949) 470-1888
05/25/2023
Ordering Info
ECM-RPLP-65U
Intel® Core™ i7-1365UE (15W) Processor Onboard
ECM-RPLP-45U
Intel® Core™ i5-1345UE (15W) Processor Onboard
ECM-RPLP-15U
Intel® Core™ i3-1315UE (15W) Processor Onboard
ECM-RPLP-70P
Intel® Core™ i7-1370PE (28W) Processor Onboard
ECM-RPLP-50P
Intel® Core™ i5-1350PE (28W) Processor Onboard
ECM-RPLP-20P
Intel® Core™ i3-1320PE (28W) Processor Onboard
Included
1 x SATA Power Cable
Mechanical & Environment
Power
Requirement
12V-24V Wide Range DC-In
Power Type
DC-in
Operating Temp.
0°C ~ 60°C (32°F ~ 140°F)
Storage Temp.
-10° C ~ 80° C (-14°F ~ 176°F)
Op. Humidity
5% to 85% non-condensing
Cooling Design
Passive Heatsink (15W) with Optional Fan (28W)
Certification
FCC Class B/CE/UL/CB
RoHS Compliant
Form Factor
3.5” SBC
Dimensions
5.7” x 4” (146mm x 102mm)
Weight
0.44lbs (0.2kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com