Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM-RPLP-45U Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ECM-RPLP-45U
Description  13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ECM-RPLP-45U Datasheet(HTML) 1 Page - BCM Advanced Research.

  ECM-RPLP-45U Datasheet HTML 1Page - BCM Advanced Research. ECM-RPLP-45U Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Coming Soon
• Intel® Core™ i7/i5/i3 Mobile Processor supports up to 12 Cores, up to 28W
• Intel® Raptor Lake P Mobile Platform
• 2 x DDR5 SODIMM sockets support up to 64GB
• Intel® Iris Xe Graphic/ Intel® UHD Graphics (CPU Dependent)
• 2 x DP++, LVDS
• Supports 3 Independent Displays
• Integrated USB Type C Thunderbolt 4
• 2 x Intel® I226-LM Ethernet Controller (2.5 GbE)
• M.2 E-Key CNVi, M.2 M-Key NVMe, M.2 B-Key with Nano SIM Card Slot
• 4 x USB 3.2, 3 x USB 2.0, 4 x COM Ports, 1 x SATA III
• 12V-24V DC-In
• Fanless Operation (15W CPU)
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
Ethernet
Controller
2 x Intel® I226-LM Ethernet Controllers
Interface
2 x 10/100/1000/2.5G Base-Tx GbE Compatible
Connector
2 x RJ45
External I/O
Display
2 x DisplayPort++
USB
4 x USB 3.2
Thunderbolt
1 x USB Type C Thunderbolt 4 Connector
LAN
2 x RJ45
DC
1 x Barrel Type DC-In
Internal I/O
Display
1 x LVDS Header
1 x eDP Header (Optional)
USB
2 x USB 2.0 Headers for 3 x USB 2.0 Ports
COM
2 x RS-232/422/485 Headers
2 x RS-232 Headers
SATA
1 x SATA III
GPIO
1 x 8-bits GPIO Header
Other
1 x I²C Header
System
CPU
Intel® Raptor Lake P Mobile Platform
Intel® Core™ i7-1365UE (15W)
Intel® Core™ i5-1345UE (15W)
Intel® Core™ i3-1315UE (15W)
Intel® Core™ i7-1370PE (28W)
Intel® Core™ i5-1350PE (28W)
Intel® Core™ i3-1320PE (28W)
System Memory
2 x SODIMM sockets support DDR 5 4800MHz up to 64GB
BIOS
256Mb SPI BIOS
Expansion
1 x M.2 E-Key 2230, CNVi Support (PCIe x1 Channel & USB Signal)
1 x M.2 M-Key 2280 NVMe (Gen4 PCIe x4)
1 x M.2 B-Key 3042 with Nano SIM Card Socket (with PCIe x2,
SATA, & USB Signal)
Storage through
1 x M.2 (B-Key), 1 x SATA III
TPM
TPM 2.0
Supported OS
Win 10, Win 11 64-bit, Linux Ubuntu
Display
Chipset
Intel® Iris Xe Graphic: select Intel® Core™ i7 and i5 Processors
Intel® UHD Graphics: select Intel® Core™ i3 Processor
Interface
2 x DisplayPort 1.4a @60Hz (4096x2160)
18/24 bits Dual Channel LVDS, eDP optional
Multi-Display
Support 3 Independent Displays
Audio
Chipset
Realtek HD Audio
Amplifier
3W Per Channel Amplifier
ECM-RPLP
Coming Soon


Similar Part No. - ECM-RPLP-45U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2TR ECLIPTEK-ECM-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECM-RPLP-45U

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2375 ADVANTECH-MIO-2375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
16-Jun-2022
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
MIO-5391 ADVANTECH-MIO-5391 Datasheet
1Mb / 2P
7th Gen Intel Core Mobile Processors, Xeon, i7, i5, i3 3.5" SBC w/ MIOe
12-Jan-2021
logo
BCM Advanced Research.
ECM-KBLH BCM-ECM-KBLH Datasheet
382Kb / 1P
7th Gen Intel® Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM175 Chipset
2022/02/24
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
ECM-SKLU BCM-ECM-SKLU Datasheet
360Kb / 1P
6th Gen Intel® Core™ SoC Processor i7/i5/i3 3.5”Micro Module
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
NUC-RPLP BCM-NUC-RPLP Datasheet
402Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Raptor Lake P Mobile Processor onboard, Small Fanless Embedded Computer
05/26/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com