Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPS-CFS Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # EPS-CFS
Description  Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

EPS-CFS Datasheet(HTML) 1 Page - BCM Advanced Research.

  EPS-CFS Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 2020/04/27
Display
Chipset
Intel® UHD Graphics 630 (i7-8700T,i7-9700TE, i5-8500T,i5-
9500TE, i3-8100T,i3-9100TE)
Intel® UHD Graphics 610 (Pentium G5400T, Celeron G4900T)
Resolution
2 x HDMI 1.4: Max. Resolution 4096x2304@30Hz
Multiple Display
Dual Display
Power Requirement
Power
+12V
Adapter
Input: 100 ~ 240Vdc/ 50 ~ 60Hz
Output: AC-DC 120W Adapter
ACPI
Single Power ATX Support S0,S3, S4, S5
ACPI 5.0 Compliant
Power Type
AT/ATX (ATX is default setting)
Mechanical & Environment
Operating Temp
With extended temperature peripherals:-10°C ~ 60°C (14°F ~
140°F), with 0.5m/s air flow
With extended temperature peripherals:-10°C ~ 50°C (14°F ~
122°F), with 0.2m/s air flow
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Weight
6.9lbs (3.1kg) (System) / 11.9lbs (5.4kg) (w/Packing)
Construction
Aluminum + Metal
Mounting Kit
Wall Mount kit (Standard)
Dimension (L x
W x H)
8.35” x 9.45” x 3.35" (212 x 240 x 85 mm)
Vibration Test
With SSD: 5Grms, IEC 60068-2-64, Random, 5 ~ 500Hz, 30min/
axis
Shock Test
With SSD: 50Grms, IEC 60068-2-27, Half Sine, 11ms
Drop
ISTA 2A, IEC-60068-2-32 Test : Ed
Certification
Information
CE, FCC Class B
System
CPU
Intel® Core™ i7-8700T Processor (12M Cache, up to 4.00 GHz)
Intel® Core™ i5-8500T Processor (9M Cache, up to 3.50 GHz)
Intel® Core™ i3-8100T Processor (6M Cache, 3.10 GHz)
Intel® Pentium® Gold G5400T (4M Cache, 3.10 GHz)
Intel® Celeron® G4900T Processor (2M Cache, 2.90 GHz)
Intel® Core™ i7-9700TE (12M Cache, up to 3.80 GHz)
Intel® Core™ i5-9500TE Processor (9M Cache, up to 3.60 GHz)
Intel® Core™ i3-9100TE Processor (6M Cache, up to 3.20 GHz)
System Chipset
Intel® Q370 Express Chipset
Intel® H310 Express Chipset
System Memory
1 x 260-Pin SO-DIMM Socket, Max. Up to 32GB DDR4
2400/2666MHz
Audio
Realtek ALC892
Ethernet
LAN1: Intel® I211AT Gigabit Ethernet Controller
LAN2: Intel® I219LM Gigabit Ethernet Controller
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec. and 1sec./step
H/W Status
Monitor
Monitoring System Temperature, Voltage and FAN Status with
Auto Throttling Control
TPM
TPM 2.0 (Firmware)
Expansion
1 x mPCIe Socket
(Q370 w/PCIe/SATA/USB 2.0)
(H310 w/SATA/USB2.0)
1 x mPCIe Socket (USB, Factory Option)
Storage
1 x mSATA, 2 x 2.5” Drive Bay (Internal)
OS Information
Win 10, Linux
External I/O
Display
2 x HDMI
USB
2 x USB 2.0
4 x USB 3.2 (w/Q370 Gen. 2, w/H310 Gen. 1)
LAN
2 x RJ45
COM Port
2 x RS-232
GPIO
1 x GPIO
Audio
Mic-In & Line-Out
Antenna
2 x Antenna Mounting Hole
System Control
1 x Power on/off LED on front side
• 8th/9thGenerationIntel®Processors(6-Core/8-Core)
• Intel®Q370/H310ExpressChipset
• Intel®UHDGraphics630/610
• Intel®GigabitLANController
• MemoryMax.Upto32GBDDR42666
• mPCIeExpansionSlot(Max.Upto2)
• -10~60COperatingTemperature
• SupportRAID0/1(Q370only)
• SupportFirmwareTPM2.0
• RichexternalI/O:2xCOM,2xHDMI,1xGPIO,2xLAN,
Mic-in, Line-out
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
EPS-CFS
DC-in
Line-out
Mic-in
Antenna
Hole
Antenna
Hole
GPIO
2 x USB
2 x COM
2 x HDMI
4 x USB
2 x LAN


Similar Part No. - EPS-CFS

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
120W Single Output Switching Power Supply
logo
Premium PSU
EPS-120-5192 PSU-EPS-120-5192 Datasheet
1Mb / 20P
120/200W DC OUTPUT UPS
logo
Mean Well Enterprises C...
EPS-15 MEANWELL-EPS-15 Datasheet
925Kb / 2P
15W SINGLE OUTPUT SWITCHING POWER SUPPLY
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
15W SINGLE OUTPUT SWTICHING POWER SUPPLY
logo
Premium PSU
EPS-200-5193 PSU-EPS-200-5193 Datasheet
1Mb / 20P
120/200W DC OUTPUT UPS
More results

Similar Description - EPS-CFS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-M1270 ADVANTECH-DPX-M1270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming System
22-Jan-2020
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
logo
AAEON Technology
ASDM-L-CFS AAEON-ASDM-L-CFS Datasheet
534Kb / 2P
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
BOXER-6641-PRO AAEON-BOXER-6641-PRO Datasheet
527Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
logo
BCM Advanced Research.
ECM-CFS BCM-ECM-CFS Datasheet
446Kb / 1P
8th/9th Gen Coffee Lake-S 3.5” Micro Module
2021/07/29
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPC-WHL BCM-EPC-WHL Datasheet
135Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
logo
AAEON Technology
BOXER-6839-CFL AAEON-BOXER-6839-CFL Datasheet
614Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6840-CFL AAEON-BOXER-6840-CFL Datasheet
562Kb / 2P
High Computing Power Embedded Controller with 8th/9th Generation Intel® Processor
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com