Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPX-APLP Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # EPX-APLP
Description  Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

EPX-APLP Datasheet(HTML) 1 Page - BCM Advanced Research.

  EPX-APLP Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards
& embedded computing
BCMSales@bcmcom.com
(949) 470-1888
Features
Specifications
* All product specifications and images are subject to change without notice. Last update: 2021/05/27
Mechanical & Environment
Power Type
+12V
Power Mode
AT/ATX
Operating Temp
-5 ~ 60°C (23 ~ 140°F)
Storage Temp
-40 ~ 75°C (-40 ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
Pico-ITX
Dimensions
3.94” x 2.83” (100mm x 72mm)
Certification
CE, FCC Class B
Weight
0.66lbs (0.3Kgs)
System
CPU
Intel® Celeron® N3350/J3455 (2M Cache, up to 2.40/2.30 GHz)
System Memory
1 x 204-pin DDR3L 1600MHz SODIMM supports up to 8GB
Audio
Realtek HD Audio support 7.1 channel sound playback
Ethernet
LAN1: Intel® I211-AT Gigabit Ethernet Controller
LAN2: Intel® I211-AT Gigabit Ethernet Controller
I/O Chip
EC iTE IT8528
BIOS
AMI 128Mbit SPI BIOS
Expansion
1 x M.2 Key-B (2242/2260/3042)
1 x M.2 Key-A 2230 supports Wi-Fi module
* Micro SIM card to SIM card adapter by optional
Watchdog Timer
H/W Reset: 1sec. ~ 65535sec./min. and 1sec. or 1min./step
H/W Status
Monitor
Monitoring System Temperature and Voltage with Auto Throt-
tling Control
Supported OS
Windows 10
Display
Chipset
Intel® Atom™/ Celeron® SoC integrated Graphics
Resolution
DP++: 4096 x 2160 @ 60Hz
HDMI: 3840 x 2160 @ 30Hz, 2560 x 1600 @ 30Hz
LVDS: 1920 x 1080 @ 60Hz
LVDS
2CH 18/24bits LVDS 1920 x 1080
Chrontel. CH7511B eDP to LVDS Converter
External I/O
Display
1 x HDMI, 1 x DP++
LAN & USB
2 x RJ45
USB
2 x USB 3.0
DC-in
1 x DC-in
Internal I/O
LVDS
1 x LVDS Header, 1 x Backlight Locking Type Header
USB
2 x USB 2.0 Headers (4 x USB 2.0 Ports)
COM
1 x RS-232 Header
SATA
1 x SATA III
Other
1 x LPC
• Intel®Celeron®N3350/J3455Processor(2MCache,upto
2.40/2.30 GHz)
• 1x204-pinDDR3L1600MHzSODIMMsupportsupto8GB
• DP++,HDMI,Dualchannel18/24-bitsLVDS
• 2xIntel®I211-ATGigabitEthernet
• RealtekHDAudioCodec
• 1xM.2Key-B3042/2242/2260,1xM.2Key-A2230
supports Wi-Fi module
• 1xSATAIII,1xSATAPower
• 2xUSB3.0,4xUSB2.0
• 1xRS232,8-bitGPIO
• DCin+12V
Intel® Celeron® N3350/J3455 Processor Pico-
ITX Motherboard
EPX-APLP
LVDS
Intel N3350 CPU
Onboard
COM
LPC
M.2 Type A
M.2 Type B
2 x LAN
2 x USB
1 x HDMI
DC-in
1 x DP++
1 x SATA III
1 x 204-pin DDR3
SO-DIMM
Micro SIM/SIM Card
Socket (Optional)
Ordering Info
EPX-APLP-N3350
Intel Celeron N3350 Dual Core Processor
EPX-APLP-J3455
(BTO/MOQ
Intel Celeron J3455 Quad Core Processor
E1961211060006R
Heatsink for EPX-APLP N3350
E1961211100014R
Heatsink for EPX-APLP J3455


Similar Part No. - EPX-APLP

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
More results

Similar Description - EPX-APLP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Advantech Co., Ltd.
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
logo
AAEON Technology
EMB-APL3 AAEON-EMB-APL3 Datasheet
585Kb / 2P
Mini-ITX Embedded Motherboard with Intel® N3350(DC)/N4200(QC) Processor
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
NUC-APL-SLIM BCM-NUC-APL-SLIM Datasheet
370Kb / 1P
Intel® Celeron® J3455 Processor Apollo Lake Fanless NUC Slim System
2021/09/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com