Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8333 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8333
Description  Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8333 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM8333 Datasheet HTML 9Page - National Semiconductor (TI) LM8333 Datasheet HTML 10Page - National Semiconductor (TI) LM8333 Datasheet HTML 11Page - National Semiconductor (TI) LM8333 Datasheet HTML 12Page - National Semiconductor (TI) LM8333 Datasheet HTML 13Page - National Semiconductor (TI) LM8333 Datasheet HTML 14Page - National Semiconductor (TI) LM8333 Datasheet HTML 15Page - National Semiconductor (TI) LM8333 Datasheet HTML 16Page - National Semiconductor (TI) LM8333 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
8.0 Interrupts (Continued)
8.5 COMMAND EXECUTION SUMMARY
•
With the interrupt, status, and error codes, the LM8333
provides the features needed to support a reliable key-
scan functionality.
•
Up to 14 key-scan events can be stored in an internal
FIFO buffer. The end of buffer is indicated with the 00
(empty character) code.
•
The host can repeatedly read the FIFO without modifying
the FIFO pointer using the RPT_FIFO_READ command
(0x21), for example if an error is encountered during a
read.
•
The LM8333 asserts the IRQ output low when a new
character is pressed after the last interrupt acknowledge
from the host. The IRQ output will be deasserted after the
host has acknowledged the interrupt by reading the inter-
rupt code using the READ_INT command (0xD0).
•
The host can synchronize with the LM8333 by reading
the status code with the READ_STAT command (0xE0).
The status code verifies whether the last command was
successfully completed.
•
Two GPIO pins on the LM8333 may be configured as
external interrupt inputs. A rising or falling edge on an
enabled interrupt input triggers wake-up from Halt mode
and asserts an interrupt to the host by pulling the IRQ
output low.
•
The host can change the debounce time from the default
time of 10 ms. This can be used for reliable scanning of
keyboards with noisy contacts. The debounce time can
be set to about 1 second in steps of 4 milliseconds. The
debounce time is set with the DEBOUNCE command
(0x22).
•
The host can change the active time permitted before
entering Halt mode from the default period of 500 ms.
The active time is the time during which the keypad is
scanned after the last key is released, before entering
Halt mode. The active time must be longer than the
debounce time.
•
The host can program the direction and output state of
four general-purpose I/O pins. The host can also read the
states on these pins.
•
The host can program a 16-bit timer for generating a
PWM output. If the PWM function is not used, the PWM
pin can be used as a general-purpose output.
20210613
FIGURE 11. Interrupt Processing
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com