Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6782TE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6782TE
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6782TE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6782TE Datasheet HTML 1Page - Maxim Integrated Products MAX6782TE Datasheet HTML 2Page - Maxim Integrated Products MAX6782TE Datasheet HTML 3Page - Maxim Integrated Products MAX6782TE Datasheet HTML 4Page - Maxim Integrated Products MAX6782TE Datasheet HTML 5Page - Maxim Integrated Products MAX6782TE Datasheet HTML 6Page - Maxim Integrated Products MAX6782TE Datasheet HTML 7Page - Maxim Integrated Products MAX6782TE Datasheet HTML 8Page - Maxim Integrated Products MAX6782TE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
2
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
A
AB
BS
SO
OL
LU
UT
TE
E M
MA
AX
XIIM
MU
UM
M R
RA
AT
TIIN
NG
GS
S
ELECTRICAL CHARACTERISTICS
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
BATT.........................................................................-0.3V to +6V
IN1–IN4, LBH1, LBL1,
LBH2, LBL2 ..................-0.3V to Min ((VBATT + 0.3V) and +6V)
HADJ1–HADJ4, REF .......-0.3V to Min ((VBATT + 0.3V) and +6V)
LBO1–LBO4 (push-pull)..-0.3V to Min ((VBATT + 0.3V) and +6V)
LBO1–LBO4 (open drain).........................................-0.3V to +6V
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 23.8mW/°C above +70°C) ..........1905mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) ........1951mW
12-Pin Thin QFN (derate 16.7mW/°C above +70°C) ..1333mW
16-Pin Thin QFN (derate 20.8mW/°C above +70°C) ..1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ………………………………………+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.05
5.5
Operating Voltage Range
(Note 2)
VBATT
TA = -40°C to +85°C
1.2
5.5
V
VBATT = 3.7V, no load
6.3
10
µA
Supply Current
IQ
VBATT = 1.8V, no load
5.7
µA
Startup Time (Note 3)
VBATT rising from 0 to 1.6V
5
ms
MAX6782/MAX6783/MAX6784/MAX6785
0.5% hysteresis (A version)
0.5994
0.6055
0.6115
5% hysteresis (B version)
0.5723
0.5781
0.5839
IN_ Falling Threshold (Note 4)
VINF
10% hysteresis (C version)
0.5422
0.5477
0.5531
V
IN_ Rising Threshold (Note 4)
VINR
0.6024
0.6085
0.6146
V
IN_, HADJ_ Input Leakage
Current
VIN_, VHADJ_
≥ 0.3V
5nA
Reference Output
VREF
0.6024
0.6085
0.6146
V
Reference Load Regulation
IREF = 0 to 1mA
0.3
mV/mA
Reference Temperature
Coefficient
TEMPCO
15
ppm/°C
Reference Short-Circuit Current
20
mA
Hysteresis Adjustment Range
0.4
VREF
V
Hysteresis Adjustment Logic Low
VHALL
0.07
V
Hysteresis Adjustment Logic
High
VHALH
0.17
V
MAX6786/MAX6787/MAX6788
LBL_, LBH_ Threshold
VTH
0.6024
0.6085
0.6146
V
LBL_, LBH_ Input Leakage
Current
VLBL, VLBH_
≥ 0.3V
5nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com