Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D90N03L Datasheet(PDF) 3 Page - STMicroelectronics

Part # D90N03L
Description  N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D90N03L Datasheet(HTML) 3 Page - STMicroelectronics

  D90N03L Datasheet HTML 1Page - STMicroelectronics D90N03L Datasheet HTML 2Page - STMicroelectronics D90N03L Datasheet HTML 3Page - STMicroelectronics D90N03L Datasheet HTML 4Page - STMicroelectronics D90N03L Datasheet HTML 5Page - STMicroelectronics D90N03L Datasheet HTML 6Page - STMicroelectronics D90N03L Datasheet HTML 7Page - STMicroelectronics D90N03L Datasheet HTML 8Page - STMicroelectronics D90N03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD90N03L - STD90N03L-1
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
±20
V
ID
(1)
1.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
80
A
ID
Drain current (continuous) at TC=100°C
64
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25°C
95
W
Derating factor
0.63
W/°C
EAS
(3)
3.
Starting Tj = 25°C, ID =40A, VDD =15V
Single pulse avalanche energy
350
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.58
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
°C/W
Tj
Maximum lead temperature for soldering
purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com