Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5532ABC-3 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5532ABC-3
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-3 Datasheet(HTML) 2 Page - Analog Devices

  AD5532ABC-3 Datasheet HTML 1Page - Analog Devices AD5532ABC-3 Datasheet HTML 2Page - Analog Devices AD5532ABC-3 Datasheet HTML 3Page - Analog Devices AD5532ABC-3 Datasheet HTML 4Page - Analog Devices AD5532ABC-3 Datasheet HTML 5Page - Analog Devices AD5532ABC-3 Datasheet HTML 6Page - Analog Devices AD5532ABC-3 Datasheet HTML 7Page - Analog Devices AD5532ABC-3 Datasheet HTML 8Page - Analog Devices AD5532ABC-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
(VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V;
DVCC = +2.7 V to +5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V;
OFFS_IN = OV; Output Range from VSS + 2 V to VDD – 2 V. All outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.)
AD5532B–SPECIFICATIONS
AD5532B-1
Parameter
1
B Version
2
Unit
Conditions/ Comments
DAC DC PERFORMANCE
Resolution
14
Bits
Integral Nonlinearity (INL)
±0.39
% of FSR max
±0.15% typ
Differential Nonlinearity (DNL)
±1
LSB max
±0.5 LSB typ Monotonic
Offset
90/170/250
mV min/typ/max
See Figure 6.
Gain
3.52
typ
Full-Scale Error
–1/+0.5
% of FSR max
ISHA DC PERFORMANCE
VIN to VOUT Nonlinearity
3
±0.006
% typ
After Offset and Gain Adjustment
±0.018
% max
Total Unadjusted Error (TUE)
±2.5
mV typ
See TPC 6.
±12
mV max
Offset Error
±1
mV typ
±10
mV max
Gain
3.51/3.52/3.53
min/typ/max
ISHA ANALOG INPUT (VIN)
Input Voltage Range
0 to 3
V
Nominal Input Range
Input Lower Dead Band
70
mV max
50 mV typ. Referred to VIN.
See Figure 7.
Input Upper Dead Band
40
mV max
12 mV typ. Referred to VIN.
See Figure 7.
Input Current
1
µA max
100 nA typ. VIN acquired
on one channel.
Input Capacitance
4
20
pF typ
ANALOG INPUT (OFFS_IN)
Input Current
1
µA max
100 nA typ
Input Voltage Range
0/4
V min/max
Output Range Restricted from
VSS + 2 V to VDD – 2 V
VOLTAGE REFERENCE
REF_IN
Nominal Input Voltage
3.0
V typ
Input Voltage Range
4
2.85/3.15
V min/max
Input Current
1
µA max
<1 nA typ
REF_OUT
Output Voltage
3
V typ
Output Impedance
4
280
k
Ω typ
Reference Temperature Coefficient
4
60
ppm/
°C typ
ANALOG OUTPUTS (VOUT 0–31)
Output Temperature Coefficient
4, 5
10
ppm/
°C typ
DC Output Impedance
4
0.5
Ω typ
Output Range
VSS + 2/VDD – 2
V min/max
100
µA Output Load
Resistive Load
4, 6
5k
Ω min
Capacitive Load
4, 6
100
pF max
Short-Circuit Current
4
7
mA typ
DC Power-Supply Rejection Ratio
4
–70
dB
VDD = +15 V
± 5%
–70
dB
VSS =
15 V
± 5%
DC Crosstalk
4
250
µV max
Outputs Loaded
ANALOG OUTPUT (OFFS_OUT)
Output Temperature Coefficient
4, 5
10
ppm/
°C typ
DC Output Impedance
4
1.3
k
Ω typ
Output Range
50 to REF_IN – 12
mV typ
Output Current
10
µA max
Source Current
Capacitive Load
100
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com