Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8682ARMZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8682ARMZ-R2
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682ARMZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8682ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 8 of 16
TCVOS (µV/°C)
0
0
400
20
80
16
120
160
40
28
32
36
24
200
280
320
360
240
412
8
VS = ±15V
300 × OP282
(600 OP AMPS)
Figure 21. AD8682 TCVOS Distribution SOIC_N Package
50
45
40
35
30
25
20
15
10
5
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 22. AD8684 Open-Loop Gain vs. Temperature
FREQUENCY (Hz)
1k
10k
100k
1M
100M
10M
60
40
20
10
0
50
30
–10
–20
VS = ±15V
TA = 25°C
AVCL = 10
AVCL = 1
AVCL = 100
Figure 23. AD8684 Closed-Loop Gain vs. Frequency
1000
100
10
1
0.1
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–75
Figure 24. AD8684 Input Bias Current vs. Temperature
950
945
940
930
925
920
915
910
010
20
30
SUPPLY VOLTAGE (V)
935
40
Figure 25. AD8684 Relative Supply Current vs. Supply Voltage
950
945
940
935
930
925
920
915
910
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 26. AD8684 Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com