Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8130DG4 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8130DG4
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8130DG4 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8130DG4 Datasheet HTML 1Page - Sipex Corporation SP8130DG4 Datasheet HTML 2Page - Sipex Corporation SP8130DG4 Datasheet HTML 3Page - Sipex Corporation SP8130DG4 Datasheet HTML 4Page - Sipex Corporation SP8130DG4 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev 0.8 09/25/06.
SP8130 High Speed Differential APC Amplifier
2006 Sipex Corporation
`````````
page
2 of 5
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other
above those indicated in the operation sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
Supply Voltage (Vcc)………………………….……..6.0V
Reference Voltage (Vs) …………………….……… 6.0V
Output Voltage (Vout)………………………..……… Vcc
Junction Temperature (Tj)…………...……………120
oC
Storage Temperature……………..…...-40°C to +100°C
Soldering Temperature………………..…………+245°C
(1x Reflow/MSL Level 6)*
* Based upon 500 temperature cycles as judgment criteria
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)…….…………………...4.5V to 5.5V
Operating temperature……………..………-20C to +85
oC
CD Wavelength……….……………….……….……780nm
DVD Wavelength……..………….………………….650nm
THERMAL SPECIFICATIONS
8-pin OPLGA (3 x 3.5mm) Package
Thermal Resistance………………………….…… 75
oC/W
SCHEMATIC DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com