Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4410-6ACPZ-R7
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4410-6ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated Video Filter with Selectable Cutoff
Frequencies for RGB, HD/SD Y, C, and CV
ADA4410-6
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Sixth-order filters with selectable cutoff frequencies
36 MHz, 18 MHz, 9 MHz
Many video standards supported
RGB/YPbPr/YUV/SD/YC/CV
Ideal for resolutions up to 1080i
−1 dB bandwidth of 30 MHz for HD
2:1 multiplexers on all inputs
Selectable gain: ×2 or ×4
DC output offset adjust: ±0.5 V, input referred
Excellent video specifications
NTSC differential gain: 0.11%
NTSC differential phase: 0.25°
Low input bias current: 6.6 μA
Wide supply range: +4.5 V to ±5 V
Rail-to-rail output
Typical output swing of 4.5 V p-p on single 5 V supply
Disable feature
APPLICATIONS
Set-top boxes
DVD players and recorders
HDTVs
GENERAL DESCRIPTION
The ADA4410-6 is a comprehensive integrated filtering solution
that is carefully designed to give designers the flexibility to
easily filter and drive many types of video signals, including
high definition video. In the RGB/component channels, the
cutoff frequencies of the sixth-order filters can be selected by
two logic pins to obtain four filter combinations that are tuned
for RGB, high definition, and standard definition video. Cutoff
frequencies range from 9 MHz to 36 MHz.
The ADA4410-6 also provides filtering for the legacy standard
S-video and composite video signals. With a differential gain of
0.11% and a differential phase of 0.25°, the ADA4410-6 is an
excellent choice for any composite video (CV) application.
The ADA4410-6 offers gain and output offset voltage
adjustments. With a single logic pin, the gain of the part can be
selected to be ×2 or ×4. Output offset voltage is continuously
adjustable over an input-referred range of ±500 mV by applying
a differential voltage to an independent offset control input.
FUNCTIONAL BLOCK DIAGRAM
36MHz,
18MHz,
9MHz
36MHz,
18MHz,
9MHz
36MHz,
18MHz,
9MHz
9MHz
9MHz
Y1/G1 IN
Y2/G2 IN
×2
×4
Y/G OUT
Pb1/B1 IN
Pb2/B2 IN
×2
×4
Pb/B OUT
Pr1/R1 IN
Pr2/R2 IN
LEVEL1
DC
OFFSET
HD INPUT SELECT
LEVEL2
CUTOFF SELECT
GAIN SELECT
×2
×4
Pr/R OUT
Y1 IN
Y2 IN
×2
×4
Y OUT
C1 IN
C2 IN
SD INPUT SELECT
DISABLE
×2
×4
C OUT
×2
CV OUT
2
ADA4410-6
Figure 1.
The ADA4410-6 offers 2:1 multiplexers on its inputs that can be
used in applications where multiple sources of video exist.
The ADA4410-6 can operate on a single +5 V supply as well as
±5 V supplies. Single-supply operation is ideal for applications
where power consumption is critical. The disable feature allows
for further power conservation by reducing the supply current
to typically 15 μA when a particular device is not in use.
Dual-supply operation is best for applications where the
negative-going excursions of the signal must swing at or below
ground while maintaining excellent video performance. The
output buffers have the ability to drive two 75 Ω doubly
terminated cables that are either dc- or ac-coupled.
The ADA4410-6 is available in a 32-lead LFCSP and operates in
the extended industrial temperature range of −40°C to +85°C.


Similar Part No. - ADA4410-6ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4410-6ACPZ-R7 AD-ADA4410-6ACPZ-R7 Datasheet
500Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
Rev. C
More results

Similar Description - ADA4410-6ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
7/05-Revision 0
ADA4411-3 AD-ADA4411-3 Datasheet
397Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
7/05-Revision 0
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Analog Devices
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
Integrated Video Filter with Selectable Cutoff
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com