Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB0207 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMB0207
Description  High Pulse Load MELF Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB0207 Datasheet(HTML) 2 Page - Vishay Siliconix

  CMB0207 Datasheet HTML 1Page - Vishay Siliconix CMB0207 Datasheet HTML 2Page - Vishay Siliconix CMB0207 Datasheet HTML 3Page - Vishay Siliconix CMB0207 Datasheet HTML 4Page - Vishay Siliconix CMB0207 Datasheet HTML 5Page - Vishay Siliconix CMB0207 Datasheet HTML 6Page - Vishay Siliconix CMB0207 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CMB 0207
Vishay Beyschlag
High Pulse Load MELF Resistor
www.vishay.com
For technical questions, contact: ff3bresistors@vishay.com
Document Number: 28755
80
Revision: 31-Oct-06
12NC INFORMATION
• The resistors have a 12-digit numeric code starting with
2312
• The subsequent 4 digits indicate the resistor type,
specification and packaging; see the 12NC table
• The remaining 4 digits indicate the resistance value:
– The first 3 digits indicate the resistance value
– The last digit indicates the resistance decade in
accordance with the 12NC Indicating Resistance
Decade table
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC of a CMB 0207 resistor, value 47 k
Ω with ± 2 %
tolerance, supplied in blister tape of 2000 units per reel is:
2312 199 24703.
Notes
1. Products can be ordered using either the PRODUCT DESCRIPTION or the 12NC.
2. The PART NUMBER is shown to facilitate the introduction of the unified part numbering system. Currently, this PART NUMBER is applicable
in the Americas and in Asia/Pacific only.
3. Please refer to table PACKAGING, see below.
4. For CMB 0207 the temperature coefficient is not identified in the PRODUCT DESCRIPTION.
RESISTANCE DECADE
LAST DIGIT
1
Ω to 9.99 Ω
8
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
1 M
Ω to 9.99 MΩ
5
12NC - resistor type and packaging
DESCRIPTION
ORDERING CODE 2312 ... .....
BLISTER TAPE ON REEL
TYPE
TOL.
B2 2000 UNITS
B7 7000 UNITS
CMB 0207
± 5 %
... 199 3....
... 189 3....
± 2 %
... 199 2....
... 189 2....
PART NUMBER AND PRODUCT DESCRIPTION1)
PART NUMBER2): CMB02070X4701GB200
C
M
B
0
2
0
7
0
X
4701
GB2
0
0
MODEL/SIZE
SPECIAL CHARACTER
TCR
VALUE
TOLERANCE
PACKAGING3)
SPECIAL
CMB0207
0 = neutral
X = no indication
3 digit value
1 digit multiplier
Multiplier
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
G = ± 2 %
J = ± 5 %
B2
B7
up to 2 digits
00 = standard
PRODUCT DESCRIPTION4): CMB 0207 2 % B2 4K7
CMB
0207
2 %
B2
4K7
MODEL
SIZE
TOLERANCE
PACKAGING3)
RESISTANCE VALUE
CMB
0207
± 2 %
± 5 %
B2
B7
100R = 100
Ω
4K7 = 4.7 k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com