Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB02070X4703JB700 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CMB02070X4703JB700
Description  High Pulse Load MELF Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB02070X4703JB700 Datasheet(HTML) 6 Page - Vishay Siliconix

  CMB02070X4703JB700 Datasheet HTML 1Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 2Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 3Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 4Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 5Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 6Page - Vishay Siliconix CMB02070X4703JB700 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CMB 0207
Vishay Beyschlag
High Pulse Load MELF Resistor
www.vishay.com
For technical questions, contact: ff3bresistors@vishay.com
Document Number: 28755
84
Revision: 31-Oct-06
Temperature Coefficent (TCR)
Resistance Value R
1
10
100
1K
10K
100K
1M
- 500
- 400
- 300
- 200
- 100
0
ppm/K
CMB 0207
Ω
alue
R
0.01
100
0.1
1
µV/V
Resistance V
Current Noise - A1
In accordance with IEC 60195
1K
10K
100K
1M
Ω
CMB 0207
REVISION HISTORY
Compared to the prior revision of this datasheet, short rev3, the following changes have been applied:
• Transfer into Vishay format for publication on the internet
• Introduction of a standardized part numbering system
• Additional emphasis on the clean balance of materials and on the compliance with various EU directives
• Revision of the 1.2/50 pulse load diagram
• Introduction of diagrams on 10/700 pulse load and on current noise
• Introduction of information on electrostatic discharge (ESD) capability
• No other change of technical contents
• No product change



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com