Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-APLC Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ESM-APLC
Description  Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ESM-APLC Datasheet(HTML) 1 Page - BCM Advanced Research.

  ESM-APLC Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bcmcom.com
Specifications
Features
Mechanical & Environment
Power Requirement
+9V ~ +19V
ACPI
Single power ATX Support S0, S3, S4, S5
ACPI 3.0 Compliant
Power Type
AT/ATX
Operating Temp
0°C ~ 60°C (32°F ~ 140°F)
Storage Temp
-40°C ~ 75°C (-40°F ~ 167°F)
Operating Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
COM Express Modules
Dimensions
3.7" x 3.7" (95mm x 95mm)
Certification
Information
CE
FCC Class B
Weight
0.44 lbs (0.2kg)
• OnboardIntel®Celeron®N3350/Pentium®N4200/
Atom™ E Series SoC BGA Processor
• 1x204-pinSoDIMMsocketsupportsupto8GBDDR3L
1600 & 1333MHz SDRAM
• SupportsDualChannel18/24bitLVDS,DisplayPort,HDMI,
VGA, eDP (Optional)
• Intel®I211GigabitEthernet
• 2xSATA3.0,8xUSB2.0,4xUSB3.0,8-bitGPIO
• HDAudioInterface
• 9~19VWideRangePowerInput
• Type6Rev2.1Pin-out
• CompactSize:3.7”x3.7”(95mmx95mm)
• TPM2.0(Optional)
• eMMC5.0upto64GB(Optional)
Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E
Series SoC Processor Type6 COMe Compact
Compact COM Express Module
System
CPU
Intel® Pentium N4200 4-Core Processor 2.5 GHz (Max Speed)
Intel® Celeron N3350 2-Core Processor 2.4 GHz (Max Speed)
Please note: CPU coolers are not included. Please see
Ordering Info tab for more details.
BIOS
AMI uEFI BIOS, 128Mbit SPI Flash ROM
System Chipset
Intel® Apollo Lake SoC Integrated
System Memory
1 x 204-Pin DDR3L 1600&1333MHz SO-DIMM,supports up to
8GB (Non-ECC)
Audio
Intel® High Definition Audio
Ethernet
LAN1: Intel® WGI211AT Gigabit Ethernet Controller
BIOS
AMI uEFI BIOS, 128Mbit SPI Flash ROM
Expansion
3 Ports (Optional 4 PCIe x1 or 1 PCIe x4 while removing Ether-
net), compliant to PCIe Gen2 5.0 GT/s
I/O Chip
ITE IT8528VG
OS Support
Windows® 10 Enterprise (64-bit)
Linux (Kernel>4.5)
Display
Chipset
Intel® Apollo lake SoC integrated Graphics
Resolution
VGA: Max. resolution 1920x1200 @ 60Hz
LVDS: Max. resolution 1920x1200 @ 60Hz
HDMI: Max. resolution 3840x2160 @ 30Hz
DP: Max. resolution 4096x2160 @ 60Hz
Multiple Display
HDMI
DP
DisplayPort
LCD Interface
CH7511B (eDP to LVDS)
Onboard I/O
USB
8 x USB 2.0
4 x USB 3.0
SATA
2 x SATA III
COM Port
2 x COM Ports (RX/TX only)
DIO
1 x 8bit GPIO
MIO
1 x SMBus, 1 x LPC, 1 x I2C
Other
eMMC 5.0 up to 64GB (Optional)
ESM-APLC
Ordering Info
* This is an OEM Only Product
-N3350
Intel®Celeron N3350 1.1GHz Dual Core Type6 COMe Compact Module
ESM-APLC-N4200
Intel®Celeron N4200 1.1GHz Quad Core Type6 COMe Compact Module
ESM-APLC-J3455
Intel®Celeron J3455 1.1GHz Quad Core Type6 COMe Compact Module
EEV-EX14-A3R
mATX Ev. Board for COMe Type 6 A2
ACC-ESMAPLC-SK-1R
Heatsink for ESM-APLC W/O FAN H=22.5mm
* This is an OEM Only Product


Similar Part No. - ESM-APLC

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-APLM-N3350-A1R BCM-ESM-APLM-N3350-A1R Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-APLM-N4200-A1R BCM-ESM-APLM-N4200-A1R Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results

Similar Description - ESM-APLC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UP-EDGE-APL03C2F-A10-0216 AAEON-UP-EDGE-APL03C2F-A10-0216 Datasheet
363Kb / 2P
UP 4000 System with Intel® Pentium® N4200/ Celeron® N3350/ Atom E3950 ™ Processor SoC
2022/09/07
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPN-EDGE-APLC2F-A10-0232 AAEON-UPN-EDGE-APLC2F-A10-0232 Datasheet
498Kb / 2P
UP Squared Pro EDGE System with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com