Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS1215 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLS1215
Description  WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1215 Datasheet(HTML) 3 Page - Texas Instruments

  TLS1215 Datasheet HTML 1Page - Texas Instruments TLS1215 Datasheet HTML 2Page - Texas Instruments TLS1215 Datasheet HTML 3Page - Texas Instruments TLS1215 Datasheet HTML 4Page - Texas Instruments TLS1215 Datasheet HTML 5Page - Texas Instruments TLS1215 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLS1215
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
SLVS096A – OCTOBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at 25
°C free-air temperature range, CLAMP GATE = 0 V,
BLANK GATE = 4 V, CLAMP(+) = 4 V, CONTRAST = R, G, B GAIN ADJUST = 4 V, fI = 10 kHz (unless
otherwise noted)
PARAMETER
ALT SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AV(max)
Maximum voltage
amplification
AVMAX
CONTRAST = 4 V,
VI(PP) = 700 mV
7.8
V/ V
AV(mid)
Mid-range voltage
amplification
AVMID
CONTRAST = 2 V,
VI(PP) = 700 mV
2
V/ V
Contrast voltage for mini-
mum amplification
VCONTRASTLOW
VI(PP) = 1 V,
See Note 3
1
V
Amplification match at
AV(max)
AVMAX(DIFF)
CONTRAST = 4 V, See Note 4
±0.2
dB
Amplification match at
AV(mid)
AVMID(DIFF)
CONTRAST = 2 V, See Note 3
±0.2
dB
Amplification match at
AV(low)
AVLOW(DIFF)
CONTRAST = VCONTRASTLOW,
See Notes 3 and 4
±0.2
dB
THD
Total harmonic distortion
THD
CONTRAST = 1 V, VI(PP) = 1 V
1.0%
BW
Amplifier bandwidth
BW(– 3 dB)
CONTRAST = 4 V,
See Notes 5 and 7
100
MHz
Crosstalk attenuation
a
CONTRAST = 4 V, f = 10 kHz,
See Note 6
80
dB
Crosstalk attenuation
ax
CONTRAST = 4 V, f = 10 MHz,
See Notes 6 or 7
40
dB
Pulse test
Tr, video
Tf, video
VO(PP) = 4 V,
CONTRAST = 4 V,
Clamp(+) = 2 V,
See Notes 5 and 7
4
ns
Pulse test
Tr, blank
Tf, blank
CONTRAST = 4 V , Clamp(+) = 2 V,
See Notes 5 and 7
7
ns
NOTES:
3. Determine VCONTRASTLOW for – 40 dB attenuation of output. Reference to AV maximum.
4. Measure gain difference between any two amplifiers, VI(PP) = 1 V.
5. Adjust input frequency from 10 kHz (AV maximum ref level) to the – 3 dB corner frequency (f – 3 dB). VI(PP) = 700 mV.
6. VI(PP) = 700 mV at f = 10 kHz to any amplifier. Measure output levels of the other two undriven amplifiers relative to driven amplifier.
7. A special text fixture without a socket and a double-sided full-ground-plane PC board are required.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com