Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8B01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCF8B01
Description  TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCF8B01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCF8B01
2003-04-08
3
Electrical Characteristics (Ta
= 25°C)
MOSFET
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = −20 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 8V
−12
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200 µA
−0.5
−1.2
V
RDS (ON)
VGS = −1.8 V, ID = −0.7 A
215
300
RDS (ON)
VGS = −2.5 V, ID = −1.4A
110
160
Drain-source ON resistance
RDS (ON)
VGS = −4.5 V, ID = −1.4 A
72
110
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −1.4 A
2.4
4.7
S
Input capacitance
Ciss
470
Reverse transfer capacitance
Crss
70
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
80
pF
Rise time
tr
5
Turn-on time
ton
9
Fall time
tf
8
Switching time
Turn-off time
toff
Duty <
= 1%, tw = 10 µs
26
ns
Total gate charge
(gate-source plus gate-drain)
Qg
6
Gate-source charge
Qgs
4
Gate-drain (“miller”) charge
Qgd
VDD ∼
− −16 V, VGS = −5 V,
ID = −2.7 A
2
nC
MOSFET Source-Drain Ratings and Characteristics
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
-10.8
A
Forward voltage (diode)
VDSF
IDR = −2.7 A, VGS = 0 V
-1.2
V
SBD
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM(1)
IFM = 0.7 A
0.43
V
Peak forward voltage
VFM(2)
IFM = 1.0 A
0.46
0.49
V
Repetitive peak reverse current
IRRM
VRRM = 20 V
50
µA
Junction capacitance
Cj
VR = 10 V, f = 1 MHz
54
pF
VDD ∼
− −10 V
−5 V
VGS
0 V
ID = −1.4 A
VOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com