Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3196 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3196 Datasheet HTML 9Page - Analog Devices ADP3196 Datasheet HTML 10Page - Analog Devices ADP3196 Datasheet HTML 11Page - Analog Devices ADP3196 Datasheet HTML 12Page - Analog Devices ADP3196 Datasheet HTML 13Page - Analog Devices ADP3196 Datasheet HTML 14Page - Analog Devices ADP3196 Datasheet HTML 15Page - Analog Devices ADP3196 Datasheet HTML 16Page - Analog Devices ADP3196 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP3196
Rev. 0 | Page 13 of 20
CH4 10V
CH2 1V
CH1 1V
CH3 2V
M 2ms
A CH3
600mV
2
3
4
1
Figure 8. Typical Start-Up Waveforms
Channel 1: CSREF, Channel 2: SS,
Channel 3: DELAY, Channel 4: Phase 1 Switch Node
CH3 5V
CH2 500mV
CH1 500mV
M 2ms
A CH1
980mV
1
2
3
Figure 9. Typical DAC Code Change Waveforms
Channel 1: CSREF, Channel 2: SS,
Channel 3: Phase 1 Switch Node
CURRENT LIMIT, SHORT-CIRCUIT, AND LATCH-
OFF PROTECTION
The ADP3196 compares a programmable current limit setpoint
to the voltage from the output of the current sense amplifier.
The level of current limit is set with the resistor from the
ILIMIT pin to ground. During operation, the current from
ILIMIT is equal to 2/3 of IREF, giving 10 µA normally.
This current, through the external resistor, sets the ILIMIT
voltage, which is internally scaled to give a current limit
threshold of 82.6 mV/V. If the difference in voltage between
CSREF and CSCOMP rises above the current limit threshold,
the internal current limit amplifier controls the internal COMP
voltage to maintain the average output current at the limit.
If the limit is reached and TD3 has completed, a latch-off delay
time starts, and the controller shuts down if the fault is not
removed. The current limit delay time shares the DELAY pin
timing capacitor with the start-up sequence timing. However,
during current limit, the DELAY pin current is reduced to IREF/4.
A comparator monitors the DELAY voltage and shuts off the
controller when the voltage reaches 1.7 V. The current limit
latch-off delay time is therefore set by the current of IREF/4
charging the delay capacitor from 0 V to 1.7 V. This delay is
four times longer then the delay time during the start-up
sequence.
The current limit delay time only starts after the TD3 has
completed. If there is a current limit during startup, the
ADP3196 goes through TD1 to TD3, and then starts the
latch-off time. Because the controller continues to cycle the
phases during the latch-off delay time, if the short is removed
before the 1.7 V threshold is reached, the controller returns to
normal operation and the DELAY capacitor is reset to GND.
The latch-off function can be reset by either removing and
reapplying the supply voltage to the ADP3196, or by toggling
the EN pin low for a short time. To disable the short-circuit
latch-off function, an external resistor should be placed in
parallel with CDLY. This prevents the DELAY capacitor from
charging up to the 1.7 V threshold. The addition of this resistor
causes a slight increase in the delay times.
During startup when the output voltage is below 200 mV, a
secondary current limit is active. This is necessary because the
voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage to
the PWM comparators to 1.5 V. This limits the voltage drop
across the low-side MOSFETs through the current balance
circuitry.
An inherent per phase current limit protects individual phases
if one or more phases stop functioning because of a faulty
component. This limit is based on the maximum normal mode
COMP voltage. Typical overcurrent latch-off waveforms are
shown in Figure 10.
CH4 10V
CH2 2V
CH1 1V
CH3 2V
M 2ms
A CH1
600mV
1
2
3
4
Figure 10. Overcurrent Latch-Off Waveforms
Channel 1: CSREF, Channel 2: COMP,
Channel 3: DELAY, Channel 4: Phase 1 Switch Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com