Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103P Datasheet(PDF) 2 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 2 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
staNdard ratiNGs
μF
Catalog no.*
inches
millimeters
tab. term
Wire lead
D
l
D
l
200 VDC
0.047
103P473X0200T
103P473X0200S
0.400
0.875
10.16
22.23
0.10
103P104X0200T
103P104X0200S
0.400
1.125
10.16
28.58
0.22
103P224X0200T
103P224X0200S
0.562
1.125
14.27
28.58
0.47
103P474X0200T
103P474X0200S
0.562
1.875
14.27
47.53
1.00
103P105X0200T
103P105X0200S
0.750
2.125
19.05
53.96
300 VDC
0.047
103P473X0300T
103P473X0300S
0.400
1.125
10.16
28.58
0.10
103P104X0300T
103P104X0300S
0.400
1.375
10.16
34.83
0.22
103P224X0300T
103P224X0300S
0.562
1.375
14.27
34.83
0.47
103P474X0300T
103P474X0300S
0.670
1.875
17.02
47.83
400 VDC
0.047
103P473X0400T
103P473X0400S
0.400
1.375
10.16
34.93
0.10
103P104X0400T
103P104X0400S
0.562
1.125
14.27
28.58
0.22
103P224X0400T
103P224X0400S
0.562
1.875
14.27
47.83
0.47
103P474X0400T
103P474X0400S
0.750
2.125
19.05
53.98
600 VDC
0.0010
103P102X0600T
103P102X0600S
0.400
0.750
10.16
19.05
0.0047
103P472X0600T
103P472X0600S
0.400
0.750
10.16
19.05
0.010
103P103X0600T
103P103X0600S
0.400
0.750
10.16
19.05
0.047
103P473X0600T
103P473X0600S
0.400
1.375
10.16
34.93
0.10
103P104X0600T
103P104X0600S
0.562
1.375
14.27
34.93
0.22
103P224X0600T
103P224X0600S
0.670
1.875
17.02
47.83.
0.47
103P474X0600T
103P474X0600S
0.750
2.375
19.05
60.32
*The catalog numbers given are for capacitance tolerance of ± 20%. To specify ± 10% tolerance, change X0 to X9. Mounting hardware furnished unassembled.
49
Metal-Case sUbMiNiatUre 10 aMPere
tHrU-Pass PaPer CaPaCitors
eleCtriCal CHaraCteristiCs Vs. teMPeratUre
iNsertioN loss CHaraCteristiCs
For ideal CaPaCitors
These capacitors are designed to meet all the electrical, mechanical, and environmental requirements of Military Specification MIL-PRF-11693.
The insertion loss of such capacitors is defined by this military specification as follows. “...the insertion loss shall be not more than 6 decibels
(dB) permissible dips below the value shown on the graph above for an ideal capacitor of the same nominal capacitance value, when tested at
frequencies from 0.15 megahertz (MHz) up to that frequency at which the insertion loss of the capacitor under test becomes 60 dB; at all higher
frequencies, up to 1,000MHz, the insertion loss shall not fall below 60 dB. Deviations in the nature of dips in the curve will be permitted; such dips
indicate a drop in insertion loss below that of an ideal capacitor followed by a rise in insertion loss, as frequency is increased, faster than the rise
that is characteristic of an ideal capacitor. Such dips are characteristic of all extended foil capacitors.”
+4
0
5
+
5
2
+
5
2
-
5
5
-0
+75+85
+100
+125
Capacitance Change Envelope For 95% Confidence Level
Temperature (°C)
0
-2
-4
-6
-8
+2
0
5
+
5
2
+
5
2
-
5
5
-0
+75 +85+100+125
Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
TYPICAL
10
1
.
01.0
1,000
100
40
50
60
70
30
20
10
0
2.0
µF
1.0
µF
0.47
µF
0.22
µF
0.1
µF
0.047
µF
0.0
22
µF
0.01
µF
0.0
047
µF
0.0
022
µF
0.00
1 µF
Frequency (MHz)
+4
0
5
+
5
2
+
5
2
-
5
5
-0
+75+85
+100
+125
Capacitance Change Envelope For 95% Confidence Level
Temperature (°C)
0
-2
-4
-6
-8
+2
0
5
+
5
2
+
5
2
-
5
5
-0
+75 +85+100+125
Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
TYPICAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com