Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALSIC20G Datasheet(PDF) 2 Page - Exxelia Group

Part # ALSIC20G
Description  8 000 h / 105°C
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

ALSIC20G Datasheet(HTML) 2 Page - Exxelia Group

  ALSIC20G Datasheet HTML 1Page - Exxelia Group ALSIC20G Datasheet HTML 2Page - Exxelia Group ALSIC20G Datasheet HTML 3Page - Exxelia Group ALSIC20G Datasheet HTML 4Page - Exxelia Group ALSIC20G Datasheet HTML 5Page - Exxelia Group ALSIC20G Datasheet HTML 6Page - Exxelia Group ALSIC20G Datasheet HTML 7Page - Exxelia Group ALSIC20G Datasheet HTML 8Page - Exxelia Group ALSIC20G Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
59
Revision 03/23
A
COMPANY
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
100 Hz +20°C
max.
(mΩ)
Tan
100 Hz +20°C
Typic
(%)
Z F (1)
100 Hz+20° C
Typic
(Ω)
I. leak
+20°C
5 min. max.
(mA)
I~
+105°C
100 Hz
(A)
Code
Ø
mm (inches)
L
mm (inches)
Rated voltage/Peak voltage: 10 / 12 V
15000
18
(0,709)
40
(1,575)
53
21
26
0,9
3,9
A776100
Rated voltage/Peak voltage: 16 / 18 V
8200
18
(0,709)
35
(1,378)
72
17
33
0,79
2,9
A776101
14000
22,5
(0,886)
40
(1,575)
48
19
23
1,35
3,9
A776102
66000
35,5
(1,398)
45
(1,772)
45
83
24
6,34
11,7
A776103
80000
35,5
(1,398)
50
(1,969)
44
97
24
8,10
12,4
A776104
Rated voltage/Peak voltage: 25 / 29 V
3700
22,5
(0,886)
40
(1,575)
57
6
24
0,56
3,7
A776105
Rated voltage/Peak voltage: 35 / 40 V
2200
18
(0,709)
35
(1,378)
129
8
58
0,47
2,9
A776106
2700
18
(0,709)
35
(1,378)
107
8
48
0,57
3,3
A776107
3300
18
(0,709)
30
(1,181)
91
8
40
0,70
2,9
A776108
4700
18
(0,709)
35
(1,378)
72
9
32
0,99
3,3
A776109
5800
18
(0,709)
40
(1,575)
59
9
25
1,22
3,5
A776110
Rated voltage/Peak voltage: 50 / 58 V
2200
18
(0,709)
35
(1,378)
86
5
37
0,66
2,9
A776111
2700
18
(0,709)
35
(1,378)
73
6
31
0,81
3,3
A776112
3000
18
(0,709)
35
(1,378)
67
6
28
0,90
2,9
A776113
3300
18
(0,709)
40
(1,575)
66
6
28
0,99
3,9
A776114
Rated voltage/Peak voltage: 63 / 72 V
600
22,5
(0,886)
25
(0,984)
224
4
97
0,23
2,1
A776115
2700
25,5
(1,004)
40
(1,575)
66
5
28
1,02
4,3
A776116
3000
25,5
(1,004)
40
(1,575)
64
5
27
1,14
3,5
A776117
4700
25,5
(1,004)
40
(1,575)
61
8
26
1,78
3,2
A776118
Rated voltage/Peak voltage: 100 / 115 V
2200
30,5
(1,201)
40
(1,575)
79
5
33
1,32
5,1
A776119
Rated voltage: 160 V
220
22,5
(0,886)
25
(0,984)
615
4
270
0,22
0,8
A776120
330
22,5
(0,886)
30
(1,181)
371
3
160
0,32
1,1
A776121
470
25,5
(1,004)
30
(1,181)
275
4
118
0,46
1,5
A776122
1000
30,5
(1,201)
40
(1,575)
156
4
68
0,96
2,3
A776123
2200
35,5
(1,398)
50
(1,969)
120
7
54
2,12
3,4
A776124
Rated voltage: 200 V
220
22,5
(0,886)
25
(0,984)
524
3
223
0,27
0,8
A776125
330
22,5
(0,886)
30
(1,181)
342
3
144
0,40
1,1
A776126
470
25,5
(1,004)
30
(1,181)
270
3
115
0,57
1,5
A776127
680
30,5
(1,201)
40
(1,575)
196
4
84
0,82
1,9
A776128
1000
30,5
(1,201)
50
(1,969)
141
4
60
1,20
2,6
A776129
1500
30,5
(1,201)
50
(1,969)
128
5
56
1,80
3,0
A776130
1700
35,5
(1,398)
50
(1,969)
128
6
56
2,04
4,2
A776131
Rated voltage: 250 V
100
22,5
(0,886)
25
(0,984)
961
3
400
0,15
0,6
A776132
150
22,5
(0,886)
25
(0,984)
665
3
278
0,23
0,7
A776133
220
22,5
(0,886)
30
(1,181)
451
3
188
0,33
1,0
A776134
330
25,5
(1,004)
30
(1,181)
323
3
135
0,50
1,3
A776135
390
25,5
(1,004)
40
(1,575)
271
3
113
0,59
1,4
A776136
470
25,5
(1,004)
40
(1,575)
240
3
101
0,71
1,8
A776137
680
25,5
(1,004)
50
(1,969)
182
3
76
1,02
2,3
A776138
1000
30,5
(1,201)
50
(1,969)
144
4
61
1,50
2,9
A776139
1300
35,5
(1,398)
50
(1,969)
133
5
58
1,95
3,7
A776140
F(1): Ø ≤ 18 mm = 100 kHz
Ø > 18 mm = 10 kHz
ALSIC 20G
8 000 h / 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com