Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE66PD Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # CE66PD
Description  0.35um CMOS Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE66PD Datasheet(HTML) 2 Page - fujitsu semiconductor

  CE66PD Datasheet HTML 1Page - fujitsu semiconductor CE66PD Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mixed-Signal Macros
D/A Converters
• 8-bit: 220 MHz (video)
• 8-bit: 50 MHz (video)
• 8-bit: 1.5 MHz (general purpose)
• 10-bit: 30 MHz (general purpose)
• 10-bit: 1.5 MHz (general purpose)
A/D Converters
• 6-bit: 300 MHz (disk)
• 8-bit: 50 MHz (video)
• 10-bit: 20 MHz (general purpose)
• 10-bit: 1 MHz (general purpose)
Multiplier Compiler
• Multiplicand (m): 4 < m < 32
• Multiplier (n): 4 < n < 32 (even numbers only)
Memory Macros
• SRAM Compiler: single and dual port (1 R/W, 1R),
up to 72K bits per block, partial write option
• ROM Compiler: up to 512K bits per block
• Delay line: up to 32K bits
Phase-Locked Loops
• Analog: 50-200 MHz
• Digital: 180-360 MHz (Preliminary)
I/Os
• 3.3V, 5V, and 5V tolerant
• Slew-rate controlled
• CMOS, TTL, LVTTL, T-LVTTL, SDRAM I/F,
PCI, I2C, USB
SOC IP Cores
ARC 32-bit RISC
832/833/835 SPARClite Hard Macros
Oak DSP Hard Macro
10/100 MAC
64/256 QAM
MPEG2 Decoder/Demultiplexer
8VSB TV Demodulator
AC-3 Dolby Voice Decoder
JPEG Encoder and Decoder
PCI–33/66 MHz, 32/64-bit cores
USB Host Controller/Device
I2C
IDE (ATA3) Host Controller
Smart Card I/F
IRDA I/R Interface
More IPs are being added
ASIC Design Kit and EDA Support
Verilog Logic Simulators from
Verilog-XL, NC-Verilog,
Cadence, Synopsys, and Mentor
VCS, Model-sim (Verilog)
VHDL/VITAL Logic
VSS, Model-sim (VHDL), V-System,
Simulators from Synopsys,
Leapfrog
Cadence, and Mentor
Synthesis, DFT, and STA tools
Design Compiler, Test Compiler,
from Synopsys
PrimeTime, MOTIVE, and
Sunrise TestGen
Other EDA tools
Chrysalis Design Verifyer
PACKAGE AVAILABILITY
No. of Pins
Frame Size
TQFP
100
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
LQFP
100
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
144
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF
208
P6, P7, P8, P9, PA, PB, PC, PD, S5, S6, S7
QFP
120
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
144
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
160
P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S2, S3, S4
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S3, S4
208
P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S5, S6
240
P8, P9, PA, PB, PC, PD, PE, PF, S7, S8
256
P9, PA, PB, PC, PD, PE, PF
HQFP
208
P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S5, S6
240
P8, P9, PA, PB, PC, PD, PE, PF, S7, S8
256
P9, PA, PB, PC, PD, PE, PF, S8
304
PC, PD, PE, PF, S9, SA
PBGA
256
P9, PA, PB, PC, PD, PE, PF, S7, S8
352
PF, SA
FBGA
112
P2, P3, P4, P5, P6, P7, S1, S2, S3
144
P3, P4, P5, P6, P7, S1, S2, S3, S4
168
P6, P7, P8, P9, S3, S4, S5, S6, S7
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, S3, S4
192
P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S4, S5
224
P7, P8, P9, PA, PB, PC, PD, PE, PF, S6, S7
288
PC, PD, PE, PF, S8, S9, SA
CE66 Series Embedded Array
© 1999 Fujitsu Microelectronics, Inc.
All company and product names are trademarks or
registered trademarks of their respective owners.
Printed in the U.S.A. ASIC-FS-20640-11/99
FUJITSU MICROELECTRONICS
AMERICA, INC.
Corporate Headquarters
1250 East Arques Avenue, Sunnyvale, California 94088-3470
Tel: (800) 866-8608 Fax: (408)
737-5999
E-mail:
inquiry@fma.fujitsu.com Web Site: http://www.fma.fujitsu.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com