Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS-J Datasheet(PDF) 2 Page - CUI Devices

Part # SDS-J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SDS-J Datasheet(HTML) 2 Page - CUI Devices

  SDS-J Datasheet HTML 1Page - CUI Devices SDS-J Datasheet HTML 2Page - CUI Devices SDS-J Datasheet HTML 3Page - CUI Devices SDS-J Datasheet HTML 4Page - CUI Devices SDS-J Datasheet HTML 5Page - CUI Devices SDS-J Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CUI DEVICES | SERIES: SDS-J | DESCRIPTION: STANDARD DIN CONNECTOR
date 08/05/2022 | page 2 of 6
cuidevices.com
units: mm
tolerance: ±0.2 mm
10.0 0.394
5.00.197
(2 PLCS)
0.094
2.4
15.0 0.591
5.00.197
(5 PLCS)
1.30.051
+0.1
25°
5.00.197
0.591
7.00.276
15.0
0.748
19.0
2.50.098
10.0 0.394
5.00 0.197
6.50.256
1.85
(TYP)
0.073
2
1
Mounting Hole
(2 PLCS)
3
2
3
1
1.60
(3 PLCS)
1.0
1.60.063
0.787
20.0
0.394
10.0
0.039
(2 PLCS)
3.50.138
(TYP)
13.2 0.520 MAX
0.071
1.80
21.10.831
18.00.709
MECHANICAL DRAWING (SDS-30J)
DESCRIPTION
MATERIAL
PLATING/COLOR
earth terminal
phosphor bronze
tin
contact terminals
brass
tin
plate
bakelite
plastic
PBT
Recommended PCB Layout
Top View
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com