Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGL0451CKILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9FGL0451CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0451CKILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9FGL0451CKILF Datasheet HTML 1Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 2Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 3Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 4Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 5Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 6Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 7Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 8Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
9FGL04x1 Pin Assignment
Figure 2. Pin Assignments for 5 × 5 mm 32-VFQFPN Package – Top View
32 31 30 29 28 27 26 25
GNDXTAL 1
24 vOE2#
XIN/CLKIN_25 2
23 DIF2#
X2 3
22 DIF2
VDDXTAL3.3 4
21 VDDA3.3
VDDREF3.3 5
20 GNDA
vSADR/REF3.3 6
19 DIF1#
GNDREF 7
18 DIF1
GNDDIG 8
17 vOE1#
9 1011121314 1516
9FGL0441C
9FGL0451C
EPAD is GND
32-VFQFPN, 5 x 5 mm, 0.5mm pitch
v prefix indicates internal 120kOhm pull-down resistor
^ prefix indicates internal 120kOhm pull-up resistor
^v prefix indicates internal 120kOhm pull-up and pull-down resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com