Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83251 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 17Page - National Semiconductor (TI) DP83251 Datasheet HTML 18Page - National Semiconductor (TI) DP83251 Datasheet HTML 19Page - National Semiconductor (TI) DP83251 Datasheet HTML 20Page - National Semiconductor (TI) DP83251 Datasheet HTML 21Page - National Semiconductor (TI) DP83251 Datasheet HTML 22Page - National Semiconductor (TI) DP83251 Datasheet HTML 23Page - National Semiconductor (TI) DP83251 Datasheet HTML 24Page - National Semiconductor (TI) DP83251 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
50 Registers (Continued)
TABLE 5-2 Register Content Summary
Register
Register
Bit Symbols
Address
Symbol
D7
D6
D5
D4
D3
D2
D1
D0
00h
MR
RNRZ
TNRZ
TE
TQL
CM
EXLB
ILB
RUN
01h
CR
BIE
AIE
TRS1
TRS0
BIS1
BIS0
AIS1
AIS0
02h
ICR
UDI
RCB
RCA
LEMT
CWI
CCR
CPE
DPE
03h
ICMR
UDIM
RCBM
RCAM
LEMTM
CWIM
CCRM
CPEM
DPEM
04h
CTSR
RES
PRDPE
SE
IC1
IC0
TM2
TM1
TM0
05h
IJTR
IJT7
IJT6
IIJ5
IJT4
IJT3
IJT2
IJT1
IJT0
06h
ISRA
RES
RES
RES
IJS4
IJS3
IJS2
IJS1
IJS0
07h
ISRB
RES
RES
RES
IJS9
IJS8
IJS7
IJS6
IJS5
08h
CRSR
RES
RES
RES
RES
LSU
LS2
LS1
LS0
09h
RCRA
LSUPI
LSC
NT
NLS
MLS
HLS
QLS
NSD
0Ah
RCRB
RES
SILS
EBOU
CSE
LSUPV
ALS
ST
ILS
0Bh
RCMRA
LSUPIM
LSCM
NTM
NLSM
NLSM
HLSM
QLSM
NSDM
0Ch
RCMRB
RES
SILSM
EBOUM
CSEM
LSUPVM
ALSM
STM
ILSM
0Dh
NTR
RES
NT6
NT5
NT4
NT3
NT2
NT1
NT0
0Eh
NPTR
NPT7
NPT6
NPT5
NPT4
NPT3
NPT2
NPT1
NPT0
0Fh
CNCR
NCLSCD
CNC6
CNC5
CNC4
CNC3
CNC2
CNC1
CNC0
10h
CNPCR
CNPC7
CNPC6
CNPC5
CNPC4
CNPC3
CNPC2
CNPC1
CNPC0
11h
STR
RES
ST6
ST5
ST4
ST3
ST2
ST1
ST0
12h
SPTR
SPT7
SPT6
SPT5
SPT4
SPT3
SPT2
SPT1
SPT0
13h
CSCR
SCLSCD
CSC6
CSC5
CSC4
CSC3
CSC2
CSC1
CSC0
14h
CSPCR
CSPC7
CSPC6
CSPC5
CSPC4
CSPC3
CSPC2
CSPC1
CSPC0
15h
LETR
LET7
LET6
LET5
LET4
LET3
LET2
LET1
LET0
16h
CLECR
LEC7
LEC6
LEC5
LEC4
LEC3
LEC2
LEC1
LEC0
17h
UDR
RES
RES
RES
RES
EB1
EB0
SB1
SB0
18h
IDR
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
19h
CIJCR
IJC7
IJC6
IJC5
IJC4
IJC3
IJC2
IJC1
IJC0
1Ah
ICCR
UDIC
RCBC
RCAC
LEMTC
CWIC
CCRC
CPEC
DPEC
1Bh
CTSCR
RESC
PRDPEC
SEC
IC1C
IC0C
TM2C
TM1C
TM0C
1Ch
RCCRA
LSUPIC
LSCC
NTC
NLSC
MLSC
HLSC
QLSC
NSDC
1Dh
RCCRB
RESC
SILSC
EBOUC
CSEC
LSUPVC
ALSC
STC
ILSC
1Eh
RR1
RES
RES
RES
RES
RES
RES
RES
RES
1Fh
RR2
RES
RES
RES
RES
RES
RES
RES
RES
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com