Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91301 Datasheet(PDF) 7 Page - Fuji Electric

Part # MB91301
Description  32-Bit Proprietary Microcontroller
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB91301 Datasheet(HTML) 7 Page - Fuji Electric

Back Button MB91301 Datasheet HTML 3Page - Fuji Electric MB91301 Datasheet HTML 4Page - Fuji Electric MB91301 Datasheet HTML 5Page - Fuji Electric MB91301 Datasheet HTML 6Page - Fuji Electric MB91301 Datasheet HTML 7Page - Fuji Electric MB91301 Datasheet HTML 8Page - Fuji Electric MB91301 Datasheet HTML 9Page - Fuji Electric MB91301 Datasheet HTML 10Page - Fuji Electric MB91301 Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
MB91301 Series
7
• MB91V301A Pin No. Table
(Continued)
No.
PIN
Pin Name
No.
PIN
Pin Name
No.
PIN
Pin Name
1E5
N.C.
31
B10
VSS
61
E15
A07
2
C3
P13/D11
32
C10
VCC
62
G12
VSS
3C4
VSS
33
A11
P80/RDY
63
G13
VCC
4B3
VCC
34
B11
P81/BGRNT
64
G14
A08
5
A1
P14/D12
35
D10
P82/BRQ
65
F15
A09
6
D5
P15/D13
36
C11
RD
66
G15
A10
7
A2
P16/D14
37
A12
DQMUU/WR0 (UUB)
67
H14
A11
8
C5
P17/D15
38
B12
P85/DQMUL/WR1
(ULB)
68
H12
A12
9B4
VSS
39
A13
P86/DQMLU/WR2
(LUB)
69
H13
A13
10
A3
VCC
40
D11
P87/DQMLL/WR3
(LLB)
70
H15
A14
11
D6
P20/D16
41
C12
VSS
71
J15
A15
12
C6
P21/D17
42
B13
VCC
72
J14
VSS
13
B5
P22/D18
43
A14
P90/SYSCLK
73
J13
VCC
14
B6
P23/D19
44
B14
P91/MCLKE
74
J12
P60/A16
15
A4
P24/D20
45
D12
P92/MCLK
75
K15
P61/A17
16
A5
P25/D21
46
E11
P93
76
K14
P62/A18
17
D7
P26/D22
47
C13
VSS
77
K13
P63/A19
18
C7
P27/D23
48
D13
VCC
78
L15
SDA0/P64/A20
19
B7
VSS
49
C14
P94/SRAS/LBA/AS
79
L14
SCL0/P65/A21
20
A6
VCC
50
A15
P95/SCAS/BAA
80
K12
SDA1/P66/A22
21
A7
D24
51
E12
P96/SWE/WR
81
L13
SCL1/P67/A23
22
B8
D25
52
B15
VSS
82
M15
VCC
23
D8
D26
53
E13
VCC
83
M14
VCC
24
C8
D27
54
D14
A00
84
N15
EWR3
25
A8
VSS
55
C15
A01
85
L12
EWR2
26
A9
VCC
56
F12
A02
86
M13
EWR1
27
B9
D28
57
F13
A03
87
N14
EWR0
28
C9
D29
58
E14
A04
88
P15
ECS
29
D9
D30
59
F14
A05
89
P14
EMRAM
30
A10
D31
60
D15
A06
90
M12
ICD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com